Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS2DS12 Datasheet(PDF) 25 Page - STMicroelectronics

Part # LIS2DS12
Description  ultra-low-power high-performance 3-axis "pico" accelerometer
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2DS12 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button LIS2DS12 Datasheet HTML 21Page - STMicroelectronics LIS2DS12 Datasheet HTML 22Page - STMicroelectronics LIS2DS12 Datasheet HTML 23Page - STMicroelectronics LIS2DS12 Datasheet HTML 24Page - STMicroelectronics LIS2DS12 Datasheet HTML 25Page - STMicroelectronics LIS2DS12 Datasheet HTML 26Page - STMicroelectronics LIS2DS12 Datasheet HTML 27Page - STMicroelectronics LIS2DS12 Datasheet HTML 28Page - STMicroelectronics LIS2DS12 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 68 page
background image
DocID027753 Rev 4
25/68
LIS2DS12
Digital main blocks
68
5.3
Data stabilization time vs. ODR setting
The data stabilization time required when an ODR change is applied in order to have valid
usable data depends on the ODR selected and device setting.
The table below provides the number of samples to be discarded in order to obtain valid
usable data.
5.4
FIFO
The LIS2DS12 embeds 256 slots of 14-bit data FIFO for each of the three output channels,
X, Y and Z of the acceleration module. This allows consistent power saving for the system,
since the host processor does not need to continuously poll data from the sensor, but it can
wake up only when needed and burst the significant data out from the FIFO.
The internal FIFO allows collecting 256 samples (14-bit size data) for each axis or storing
the output of the module computation up to 768 samples (14-bit size data).
When the FIFO mode is other than Bypass, reading the output registers (28h to 2Dh)
returns the oldest FIFO sample set. In order to minimize communication between the
master and slave, the address read may be automatically incremented by the device by
setting the IF_ADD_INC bit of CTRL2 (21h) to '1'; the device rolls back to 0x28 when
register 0x2D is reached.
This buffer can work according to the following 5 different modes:
Bypass mode
FIFO mode
Continuous-to-FIFO
Bypass-to-Continuous
Continuous
Each mode is selected by the FIFO_MODE bits in the FIFO_CTRL (25h) register.
Table 13. Number of samples to be discarded
ODR [Hz]
HF
HR
LP
6400
6
-
-
3200
2
-
-
1600
1
-
-
800
-
1
0
400
-
1
0
200
-
1
0
100
-
1
0
50
-
0
0
25
-
0
0
12.5
-
0
0
1-
-
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com