Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS2DS12 Datasheet(PDF) 27 Page - STMicroelectronics

Part # LIS2DS12
Description  ultra-low-power high-performance 3-axis "pico" accelerometer
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2DS12 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button LIS2DS12 Datasheet HTML 23Page - STMicroelectronics LIS2DS12 Datasheet HTML 24Page - STMicroelectronics LIS2DS12 Datasheet HTML 25Page - STMicroelectronics LIS2DS12 Datasheet HTML 26Page - STMicroelectronics LIS2DS12 Datasheet HTML 27Page - STMicroelectronics LIS2DS12 Datasheet HTML 28Page - STMicroelectronics LIS2DS12 Datasheet HTML 29Page - STMicroelectronics LIS2DS12 Datasheet HTML 30Page - STMicroelectronics LIS2DS12 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 68 page
background image
DocID027753 Rev 4
27/68
LIS2DS12
Digital main blocks
68
In order to empty the FIFO before it is full, it is also possible to pull from FIFO the number of
unread samples available in FIFO_SRC (2Fh) and FIFO_SAMPLES (30h) (Diff[8:0]).
5.4.4
Continuous-to-FIFO mode
In Continuous-to-FIFO mode FIFO_CTRL (25h) (FMODE [2:0] = 011), FIFO operates in
Continuous mode and FIFO mode starts upon an internal trigger event. When the FIFO is
full, data collecting is stopped.
Figure 7. Continuous-to-FIFO mode
Figure 8. Trigger event to FIFO for Continuous-to-FIFO mode
x0
y
z0
y0
x1
y1
z1
x2
y2
z2
x255
y255
z255
xi,yi,zi
Continuous Mode
FIFO Mode
Trigger event
x0
y0
z0
x1
y1
z1
x2
y2
z2
x255
y255
z255
xi,yi,zi
x254
y254
z254



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com