Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS2DS12 Datasheet(PDF) 49 Page - STMicroelectronics

Part # LIS2DS12
Description  ultra-low-power high-performance 3-axis "pico" accelerometer
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2DS12 Datasheet(HTML) 49 Page - STMicroelectronics

Back Button LIS2DS12 Datasheet HTML 45Page - STMicroelectronics LIS2DS12 Datasheet HTML 46Page - STMicroelectronics LIS2DS12 Datasheet HTML 47Page - STMicroelectronics LIS2DS12 Datasheet HTML 48Page - STMicroelectronics LIS2DS12 Datasheet HTML 49Page - STMicroelectronics LIS2DS12 Datasheet HTML 50Page - STMicroelectronics LIS2DS12 Datasheet HTML 51Page - STMicroelectronics LIS2DS12 Datasheet HTML 52Page - STMicroelectronics LIS2DS12 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 68 page
background image
DocID027753 Rev 4
49/68
LIS2DS12
Register description
68
8.17
OUT_X_L (28h)
X-axis LSB output register (r)
The 8 least significant bits of linear acceleration sensor X-axis output. Together with the
OUT_X_H (29h) register it forms the output value expressed as a 16-bit word in 2's
complement.
8.18
OUT_X_H (29h)
X-axis MSB output register (r)
The 8 most significant bits of linear acceleration sensor X-axis output. Together with the
OUT_X_L (28h) register it forms the output value expressed as a 16-bit word in 2's
complement.
8.19
OUT_Y_L (2Ah)
Y-axis LSB output register (r)
The 8 least significant bits of linear acceleration sensor Y-axis output. Together with the
OUT_Y_H (2Bh) register it forms the output value expressed as a 16-bit word in 2's
complement.
8.20
OUT_Y_H (2Bh)
Y-axis MSB output register (r)
The 8 most significant bits of linear acceleration sensor Y-axis output. Together with the
OUT_Y_L (2Ah) register it forms the output value expressed as a 16-bit word in 2's
complement.
Table 58. OUT_X_L register default values
X_L7
X_L6
X_L5(2)
X_L4(2)
X_L3(1)(2)
X_L2(1)(2)
1. If HF mode is enabled, this bit is set to 0.
2. If LP mode is enabled, this bit is set to 0.
00
Table 59. OUT_X_H register default values
X_H7
X_H6
X_H5
X_H4
X_H3
X_H2
X_H1
X_H0
Table 60. OUT_Y_L register default values
Y_L7
Y_L6
Y_L5(2)
Y_L4(2)
Y_L3(1)(2)
1. If HF mode is enabled, this bit is set to 0.
Y_L2(1)(2)
2. If LP mode is enabled, this bit is set to 0.
00
Table 61. OUT_Y_H register default values
Y_H7
Y_H6
Y_H5
Y_H4
Y_H3
Y_H2
Y_H1
Y_H0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com