Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS2DS12 Datasheet(PDF) 30 Page - STMicroelectronics

Part # LIS2DS12
Description  ultra-low-power high-performance 3-axis "pico" accelerometer
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2DS12 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button LIS2DS12 Datasheet HTML 26Page - STMicroelectronics LIS2DS12 Datasheet HTML 27Page - STMicroelectronics LIS2DS12 Datasheet HTML 28Page - STMicroelectronics LIS2DS12 Datasheet HTML 29Page - STMicroelectronics LIS2DS12 Datasheet HTML 30Page - STMicroelectronics LIS2DS12 Datasheet HTML 31Page - STMicroelectronics LIS2DS12 Datasheet HTML 32Page - STMicroelectronics LIS2DS12 Datasheet HTML 33Page - STMicroelectronics LIS2DS12 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 68 page
background image
Digital main blocks
LIS2DS12
30/68
DocID027753 Rev 4
5.5.1
Step detector/Step counter
The step detector function generates an interrupt when a step is recognized, the step
counter (automatically enabled when step detector is on) counts the number of the steps
detected.
Step Detector/Step Counter (SD/SC) are enabled by setting to ‘1’-logic the STEP_CNT_ON
bit in the FUNC_CTRL (3Fh) register. Additional pedometer advanced configurations can be
used if the FUNC_CFG_EN bit in CTRL2 (21h) is set to "1". Details of the pedometer
advanced configuration registers are available in Section 9: Advanced configuration register
mapping and Section 10: Advanced configuration registers description. To disable the
pedometer advanced configurations, the FUNC_CFG_EN bit in CTRL2 (3Fh) must be set to
'0'. Refer to Section 10.8: CTRL2 (3Fh).
The “step detected” interrupt can be read in the FUNC_CK_GATE (3Dh) register and by
writing the INT2 STEP DET bit to ‘1’-logic in the CTRL5 (24h) register, it can be routed on
INT2. The number of steps detected can be read from STEP_COUNTER_L (3Bh) and
STEP_COUNTER_H (3Ch) registers (65535 steps max).
Writing the register STEP_COUNTER_MINTHS (3Ah) it is possible to configure the SD/SC
minimum threshold, enable 4 g operation and reset the number of steps:
 Minimum threshold is the value at which the threshold for step recognition asymptotically
tends if no steps are detected and below which it cannot descend (refer to Figure 12).
Figure 12. Pedometer (step recognition) minimum threshold
 As default, SD/SC operates with data scaled at 2 g of full scale (device full-scale
independent), but it is possible to make it work with a FS of 4 g by setting the PEDO4g bit
to ‘1’-logic.
 The number of steps can be reset by writing the bit RST nSTEP to ‘1’-logic in
STEP_COUNTER_MINTHS (3Ah): this is a synchronous reset activated at the first data
valid and before the algorithm execution. The bit is auto-reset once the counter has been
successfully set to 0000h. This bit does not reset the algorithm and its variables.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com