Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS2DS12 Datasheet(PDF) 13 Page - STMicroelectronics

Part # LIS2DS12
Description  ultra-low-power high-performance 3-axis "pico" accelerometer
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2DS12 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button LIS2DS12 Datasheet HTML 9Page - STMicroelectronics LIS2DS12 Datasheet HTML 10Page - STMicroelectronics LIS2DS12 Datasheet HTML 11Page - STMicroelectronics LIS2DS12 Datasheet HTML 12Page - STMicroelectronics LIS2DS12 Datasheet HTML 13Page - STMicroelectronics LIS2DS12 Datasheet HTML 14Page - STMicroelectronics LIS2DS12 Datasheet HTML 15Page - STMicroelectronics LIS2DS12 Datasheet HTML 16Page - STMicroelectronics LIS2DS12 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 68 page
background image
DocID027753 Rev 4
13/68
LIS2DS12
Mechanical and electrical specifications
68
2.2
Electrical characteristics
2.3
Temperature sensor characteristics
@ Vdd =1.8 V, T=25 °C unless otherwise noted
Table 4. Electrical characteristics @ Vdd = 1.8 V, T = 25 °C unless otherwise noted (1)
Symbol
Parameter
Test conditions
Min.
Typ.(2)
Max.
Unit
Vdd
Supply voltage
1.62
1.8
1.98
V
Vdd_IO I/O pins supply voltage(3)
1.62
Vdd+0.1
V
IddHR
Current consumption in
high-resolution mode
@ ODR range
12.5 Hz - 6400
Hz, 12-14 bit
150
μA
IddLP
Current consumption
in low-power mode
ODR 100 Hz
12.5
μA
ODR 50 Hz
8
ODR 12.5 Hz
4
ODR 1 Hz
2.5
Idd_PD
Current consumption
in power-down
0.7
μA
VIH
Digital high-level input voltage
0.8*Vdd_IO
V
VIL
Digital low-level input voltage
0.2*Vdd_IO
V
VOH
Digital high-level output voltage IOH = 4 mA(4)
VDD_IO - 0.2 V
VOL
Digital low-level output voltage IOL = 4 mA(4)
0.2 V
1. The product is factory calibrated at 1.8 V. The operational power supply range is from 1.62 V to 1.98 V.
2. Typical specifications are not guaranteed.
3. It is possible to remove Vdd maintaining Vdd_IO without blocking the communication busses. In this condition the
measurement chain is powered off.
4. 4 mA is the maximum driving capability, ie. the maximum DC current that can be sourced/sunk by the digital pad in order to
guarantee the correct digital output voltage levels VOH and VOL.
Table 5. Temperature sensor characteristics
Symbol
Parameter
Min.
Typ.(1)
Max.
Unit
Top
Operating temperature range
-40
+85
°C
Toff
Temperature offset(2)
-15
+15
°C
TSDr
Temperature sensor output change
vs. temperature
1
LSB/°C(3)
TODR
Temperature refresh rate
12.5
Hz
1. Typical specifications are not guaranteed.
2. The output of the temperature sensor is 0 LSB (typ.) at 25 °C.
3. 8-bit resolution.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com