Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS2DS12 Datasheet(PDF) 11 Page - STMicroelectronics

Part # LIS2DS12
Description  ultra-low-power high-performance 3-axis "pico" accelerometer
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2DS12 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button LIS2DS12 Datasheet HTML 7Page - STMicroelectronics LIS2DS12 Datasheet HTML 8Page - STMicroelectronics LIS2DS12 Datasheet HTML 9Page - STMicroelectronics LIS2DS12 Datasheet HTML 10Page - STMicroelectronics LIS2DS12 Datasheet HTML 11Page - STMicroelectronics LIS2DS12 Datasheet HTML 12Page - STMicroelectronics LIS2DS12 Datasheet HTML 13Page - STMicroelectronics LIS2DS12 Datasheet HTML 14Page - STMicroelectronics LIS2DS12 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 68 page
background image
DocID027753 Rev 4
11/68
LIS2DS12
Block diagram and pin description
68
Table 2. Pin description
Pin#
Name
Function
1
SCL
SPC
I2C serial clock (SCL)
SPI serial port clock (SPC)
2(1)
1. CS has an active pull-up and can be left unconnected
CS
SPI enable
I2C/SPI mode selection
(1: SPI idle mode / I2C communication enabled;
0: SPI communication mode / I2C disabled)
3(2)
2. When the sensor hub is used, this pin is the I2C data master line (MSDA), is internally set to 0 and can be
internally pulled up through the TUD_EN bit of FUNC_CTRL (3Fh).
SDO
SA0
SPI serial data output (SDO)
I2C less significant bit of the device address (SA0)
4
SDA
SDI
SDO
I2C serial data (SDA)
SPI serial data input (SDI)
3-wire interface serial data output (SDO)
5
NC
Internally not connected. Can be tied to VDD, VDDIO or GND.
6
GND
0 V supply
7
RES
Connect to GND
8
GND
0 V supply
9
Vdd
Power supply
10
Vdd_IO
Power supply for I/O pins
11(3)
3. When sensor hub is used, this pin is the I2C clock master line (MSCL) and can be internally pulled up
through the TUD_EN bit of FUNC_CTRL (3Fh).
INT2
Interrupt pin 2
12
INT1
Interrupt pin 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com