Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR320S-2 Datasheet(PDF) 63 Page - STMicroelectronics

Part # SPEAR320S-2
Description  Embedded MPU with ARM926 core for industrial and consumer applications
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR320S-2 Datasheet(HTML) 63 Page - STMicroelectronics

Back Button SPEAR320S-2 Datasheet HTML 59Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 60Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 61Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 62Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 63Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 64Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 65Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 66Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 113 page
background image
SPEAr320S
Pin description
Doc ID 022508 Rev 2
63/113
MII0_TXCLK
Transmission clock
This is the transmission clock (25/2.5
MHz in 100 M/10 Mbps) provided by the
external PHY for the MII interface. All the
MII0_TXDn signals generated by the
MAC are synchronous to this clock.
I
PL_GPIO_27/B6
Alternate function
MII0_TXD0
PHY transmit data.
These bits provide the MII transmit data
nibble. The validity of the data is qualified
with MII0_TXEN and MII0_TXER.
O
PL_GPIO_26/A5
Alternate function
MII0_TXD1
PL_GPIO_25/C6
Alternate function
MII0_TXD2
PL_GPIO_24/B5
Alternate function
MII0_TXD3
PL_GPIO_23/A4
Alternate function
MII0_TXEN
PHY transmit data enable
When high, it indicates that valid data is
being transmitted on the MII0_TXDn bus.
O
PL_GPIO_22/D6
Alternate function
MII0_TXER
PHY transmit error
When high, indicates a transmit error or
carrier extension on the MII0_TXDn bus.
O
PL_GPIO_21/C5
Alternate function
MII1
MII1_COL
PHY collision
This signal is asserted by the PHY when
a collision is detected on the medium.
This signal is not synchronous to any
clock. (Active high)
I
PL_GPIO_83/E16
2, Extended
MII1_CRS
PHY CRS
This signal is asserted by the PHY when
either the transmit or receive medium is
not idle. The PHY deasserts this signal
when both transmit and receive medium
are idle. This signal is not synchronous to
any clock. (Active high)
I
PL_GPIO_82/E15
2, Extended
MII1_MDC
Management data clock
The MAC provides timing reference for
the MII1_MDIO signal through this
aperiodic clock. The maximum frequency
of this clock is 2.5 MHz.This clock is
generated inside the Ethernet controller
from the application clock (HCLK) via a
clock divider.
O
PL_GPIO_80/D16
2, Extended
MII1_MDIO
Management data input/output
IO
PL_GPIO_81/C17
2, Extended
MII1_RXCLK
This is the reception clock (25/2.5 MHz in
100M/10Mbps) provided by the external
PHY for MII interfaces. All MII1_RXDn
signals that the Ethernet controller
receives are synchronous to this clock.
I
PL_GPIO_90/G14
2, Extended
Table 31.
Ethernet signals description (continued)
Signal name
Description
Dir.
PL_GPIO_# /
ball number
Configuration mode
(see Section 3.4.2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com