Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR320S-2 Datasheet(PDF) 98 Page - STMicroelectronics

Part # SPEAR320S-2
Description  Embedded MPU with ARM926 core for industrial and consumer applications
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR320S-2 Datasheet(HTML) 98 Page - STMicroelectronics

Back Button SPEAR320S-2 Datasheet HTML 94Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 95Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 96Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 97Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 98Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 99Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 100Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 101Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 102Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 113 page
background image
Timing requirements
SPEAr320S
98/113
Doc ID 022508 Rev 2
5.16
SSP timing characteristics
This section describes the timing characteristics of the synchronous serial port.
Note:
Note:The characterization of the SSP has been done using the SPI protocol.
Figure 31.
SSP_SCK waveform
The clock polarity parameter (SPO) indicates the state of the clock signal when it is idle.
This can be programmed in the SSPCR0 register.
SPO= 0
The clock idle state is low.
SPO= 1
The clock idle state is high.
5.16.1
SPI master mode timings
SSP_SCK is the SPI output clock.
TPCLK is the clock period of the PCLK internal clock.
Figure 32.
SPI master mode external timing waveform (SPH= 0, SPO =0 )
TCLKhigh
T CLKlow
TCLK
SSP_SCK
(SPO=0)
SSP_SCK
(SPO=1)
DATA
MSB IN
LSB IN
LSB OUT
DATA
MSB OUT
SSP_SS#n
SSP_SCK
(SPO=0)
SSP_MISO
(input)
SSP_MOSI
(output)
T
SU
T
H
T
D2
T
D1
T
D3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com