Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR320S-2 Datasheet(PDF) 11 Page - STMicroelectronics

Part # SPEAR320S-2
Description  Embedded MPU with ARM926 core for industrial and consumer applications
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR320S-2 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button SPEAR320S-2 Datasheet HTML 7Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 8Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 9Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 10Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 11Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 12Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 13Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 14Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 113 page
background image
SPEAr320S
Device functions
Doc ID 022508 Rev 2
11/113
2
Device functions
2.1
CPU subsystem
The core of the SPEAr320S is an ARM926EJ-S reduced instruction set computer (RISC)
processor.
Main features:
Supports the 32-bit ARM and 16-bit Thumb instruction sets, enabling the user to trade
off between high performance and high code density. It also includes features for
efficient execution of Java byte codes.
The ARM CPU can be clocked at a frequency up to 333 MHz and includes both an
instruction (16 KB) and a data cache (16 KB). In addition to the capability of running
any real-time operating system (RTOS) available for ARM9 processors, the
ARM926EJ-S subsystem also provides a memory management unit (MMU) that
enables to support high-level operating systems (HLOS) like Linux and Windows
Embedded Compact 7.
Includes an embedded trace module (ETM Medium+) for real-time CPU activity tracing
and debugging. It supports 4-bit and 8-bit normal trace mode and 4-bit demultiplexed
trace mode, with normal or half-rate clock.
For detailed information, please refer to the following public documents available from the
ARM Ltd. website:
CPU Core:
ARM9EJ-S, Technical Reference Manual, Revision: r1p2
http://infocenter.arm.com/help/topic/com.arm.doc.ddi0222b/DDI0222.pdf
CPU Subsystem:
ARM926EJ-S, Technical Reference Manual, Revision: r0p5
http://infocenter.arm.com/help/topic/com.arm.doc.ddi0198e/DDI0198E_arm926ejs_r0p
5_trm.pdf
2.2
Internal memories (BootROM/SRAM)
SPEAr320S integrates two embedded memories:
32 KB ROM (BootROM), storing a factory-defined device bootstrap firmware.
8 KB Static RAM (SRAM), partly used by bootstrap firmware, but also available as
general-purpose memory after system startup.
The firmware in BootROM is automatically executed after SPEAr320S reset and supports
the following bootstrap modes:
Boot from serial NOR Flash
Boot from parallel NAND Flash
Boot from parallel NOR Flash
Boot from USB Device port
Boot from UART0
Boot from Ethernet (MII0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com