Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR320S-2 Datasheet(PDF) 94 Page - STMicroelectronics

Part # SPEAR320S-2
Description  Embedded MPU with ARM926 core for industrial and consumer applications
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR320S-2 Datasheet(HTML) 94 Page - STMicroelectronics

Back Button SPEAR320S-2 Datasheet HTML 90Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 91Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 92Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 93Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 94Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 95Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 96Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 97Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 98Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 113 page
background image
Timing requirements
SPEAr320S
94/113
Doc ID 022508 Rev 2
5.12
I2S timing characteristics
Figure 27.
I2S waveform
5.13
PWM timing characteristics
This section describes the timing characteristics of the four PWM generators. Figure 28
shows two PWM waveforms in two example configurations programmed using the PWM
registers.
Figure 28.
PWM timing waveforms
Config. 1: Prescalerx = 0, Duty_reg_x = 2, Period_Reg_x = 4.
Config. 2: Prescalerx = 1, Duty_reg_x = 2, Period_Reg_x = 4.
Calculations (in PLCK periods):
PWMxDuty = (Prescalerx +1) * Duty_reg_x
PWMx Period = (Prescalerx +1) * (Period_Reg_x = 1
Table 69.
I2S timing requirements
Symbol
Description
Min
Max
Unit
tCK
I2S_CLK clock period
40
ns
tD
I2S_CLK to I2S_TX output delay
3.8
9
tS
Setup time requirement for I2S_CLK
6
tH
Hold time requirement for I2S_CLK
1
Th
I2S_CLK
I2S_TX, I2S_LR
TCKhigh
TCKlow
Ts
Tf
Tr
2 x PCLK
3 x PCLK
6 x PCLK
4 x PCLK
td
PCLK
PWMx
(Config. 1)
PWMx
(Config. 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com