Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR320S-2 Datasheet(PDF) 22 Page - STMicroelectronics

Part # SPEAR320S-2
Description  Embedded MPU with ARM926 core for industrial and consumer applications
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR320S-2 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button SPEAR320S-2 Datasheet HTML 18Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 19Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 20Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 21Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 22Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 23Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 24Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 25Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 113 page
background image
Device functions
SPEAr320S
22/113
Doc ID 022508 Rev 2
2.18
A/D converter (ADC)
SPEAr320S provides an integrated analog-to-digital converter.
Main features:
Successive approximation conversion method
8 x analog input channels, ranging from 0 to 2.5 V
10-bit resolution
Sampling rate up to 1 Msamples/s
Support for 13.5-bit resolution at 8 Ksamples/s by oversampling and accumulation
INL ± 1 LSB, DNL ± 1 LSB
Programmable conversion speed (minimum conversion time is 1 µs)
Programmable averaging of multiple values from 1 (no averaging) up to 128
Programmable auto scan for all the 8 channels
2.19
General purpose I/Os (GPIO/XGPIO)
Up to 102 GPIOs are available in SPEAr320S when some embedded IPs are not needed in
the customer application (see Section 3.4: Shared IO pins (PL_GPIOs)).
SPEAr320S provides two mechanisms:
a basic GPIO module (called “basGPIO”): this functional block provides 6 pins, each
one programmable by software with the following features:
Programmable direction: input (default at reset) or output
Progammable edge-sensitive and level-sensitive interrupt triggering
extended GPIOs (XGPIO): this capability allows any PL_GPIO pin to be configured and
used as an alternative to the corresponding predefined signal purpose. XGPIOs have a
different register programming model from basic GPIOs with the following features:
Programmable direction: input or output
Progammable edge-sensitive interrupt triggering



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com