Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR320S-2 Datasheet(PDF) 14 Page - STMicroelectronics

Part # SPEAR320S-2
Description  Embedded MPU with ARM926 core for industrial and consumer applications
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR320S-2 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button SPEAR320S-2 Datasheet HTML 10Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 11Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 12Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 13Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 14Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 15Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 16Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 17Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 113 page
background image
Device functions
SPEAr320S
14/113
Doc ID 022508 Rev 2
The BootROM firmware has been tested with the following external serial memory
components:
Micron M25P and M45P families (SPI Flash)
STMicroelectronics M95 family (SPI EEPROM), except for M95040, M95020 and
M95010
ATMEL AT25F family (SPI Flash)
YMC Y25F family (SPI Flash)
Microchip/SST SST25LF family (SPI Flash)
2.5
Parallel NAND Flash controller (FSMC)
SPEAr320S integrates a flexible static memory controller able to manage external parallel
NAND Flash memories.
Main features:
8-/16-bit external data bus; 16-bit only supported when Mode 3 (expanded automation
mode) chip configuration is selected by software.
Support for up to 4 memory banks
Independent timing configuration and chip select signal for each memory bank
Fully programmable timings:
wait states (up to 31)
bus turnaround cycles (up to 15)
output enable and write enable delays (up to 15)
External asynchronous wait control
Internal AHB bus burst transfer support to reduce Flash memory access time
The BootROM firmware directly supports the external NAND Flash components shown in
Table 2.
Table 2.
NAND Flash devices supported by the BootROM firmware
Part number
Vendor
Density
Capacity
Bus
width
Page size
K9F1208V0A
Samsung
64 Mb
8 MB
x8
512 + 16 bytes
NAND128W3A28N6
Micron
128 Mb
16 MB
x8
512 + 16 bytes
NAND256W3A2BN6
Micron
256 Mb
32 MB
x8
512 + 16 bytes
KM29U256
Samsung
256 Mb
32 MB
x8
512 + 16 bytes
NAND512W3A2C2A6
Micron
512 Mb
64 MB
x8
512 + 16 bytes
NAND01GW3B2BN6
Micron
1 Gb
128 MB
x8
2048 + 64 bytes
NAND01GW4B2AN6
Micron
1 Gb
128 MB
x16
1024 words + 32 bytes
K9F1G16U0M
Samsung
1 Gb
128 MB
x16
1024 words + 32 bytes
NAND01GR3B
Micron
1 Gb
128 MB
x8
2048 + 64 bytes
NAND02GW3B2CN6
Micron
2 Gb
256 MB
x8
2048 + 64 bytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com