Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR320S-2 Datasheet(PDF) 91 Page - STMicroelectronics

Part # SPEAR320S-2
Description  Embedded MPU with ARM926 core for industrial and consumer applications
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR320S-2 Datasheet(HTML) 91 Page - STMicroelectronics

Back Button SPEAR320S-2 Datasheet HTML 87Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 88Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 89Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 90Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 91Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 92Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 93Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 94Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 95Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 113 page
background image
SPEAr320S
Timing requirements
Doc ID 022508 Rev 2
91/113
5.10
GPIO/XGPIO timing characteristics
For edge-sensitive signals, the interrupt line is sampled by flip flops clocked by PCLK for
GPIOs and HCLK for XGPIOs, the APB and AHB clocks, normally running at 83 MHz and
166 MHz respectively.
The minimum pulse width required for interrupt detection on signal edge is:
3*TPCLK (36 ns at 83 MHz) for GPIO
3*THCLK (18 ns at 166 MHz) for XGPIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com