Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR320S-2 Datasheet(PDF) 66 Page - STMicroelectronics

Part # SPEAR320S-2
Description  Embedded MPU with ARM926 core for industrial and consumer applications
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR320S-2 Datasheet(HTML) 66 Page - STMicroelectronics

Back Button SPEAR320S-2 Datasheet HTML 62Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 63Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 64Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 65Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 66Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 67Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 68Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 69Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 113 page
background image
Pin description
SPEAr320S
66/113
Doc ID 022508 Rev 2
3.5
PL_GPIO and PL_CLK pin sharing for debug and test modes
In some cases the PL_GPIO and PL_CLK pins may be used in different ways for debugging
purposes. There are four different cases (see also Table 32):
1.
Case 0 - All the PL_GPIO and PL_CLK get values from Boundary scan registers during
Ex-test instruction of JTAG . Typically, this configuration is used to verify the
correctness of the soldering process during the production flow. The pad (PL_GPIO or
PL_CLK) is driven by the Boundary Scan Register, and disconnected from the I/O
function used in functional mode.
2.
Case 1 - All the PL_GPIO and PL_CLK maintain their original meaning and the JTAG
Interface is disconnected from the processor.
3.
Case 2 - All the PL_GPIO and PL_CLKmaintain their original meaning but the JTAG
Interface is connected to the processor. This configuration is useful during the
development phase, but offers only “static” debug.
4.
Case 3 - Some PL_GPIOs, as shown in Table 32 below, are used to connect the ETM9
lines to an external box. This configuration is typically used only during the
development phase. It offers a very powerful debug capability. When the processor
reaches a breakpoint it is possible, by analyzing the trace buffer, to understand the
reason why the processor has reached the break.
Table 32.
Ball sharing during debug
Signals
Case 0 - boundary
scan
Case 1 - no debug
Case 2 - static debug
Case 3 - full debug
TEST_0
0
0
1
0
TEST_1
0
0
0
1
TEST_2
0
1
1
1
TEST_3
0
1
1
1
TEST_4
1
0
0
0
nTRST
nTRST_bscan
nc
nTRST_ARM
nTRST_ARM
TCK
TCK_bscan
nc
TCK_ARM
TCK_ARM
TMS
TSM_bscan
nc
TMS_ARM
TMS_ARM
TDI
TDI_bscan
nc
TDI_ARM
TDI_ARM
TDO
TDO_bscan
nc
TDO_ARM
TDO_ARM
PL_GPIOxxx/
PL_CLKx
(all pins)
Used for boundary
scan
Functional mode
Functional mode
PL_GPIO97-
PL_GPIO73 used for
debug, Refer to
Table 15:
PL_GPIO/PL_CLK
multiplexing scheme
and reset states on
page 43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com