Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR320S-2 Datasheet(PDF) 26 Page - STMicroelectronics

Part # SPEAR320S-2
Description  Embedded MPU with ARM926 core for industrial and consumer applications
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR320S-2 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button SPEAR320S-2 Datasheet HTML 22Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 23Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 24Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 25Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 26Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 27Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 28Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 29Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 113 page
background image
Device functions
SPEAr320S
26/113
Doc ID 022508 Rev 2
2.25.1
Reset and clock generator
The reset and clock generator is a fully programmable block that generates all the clocks
necessary to the chip.
The default operating clock frequencies are:
Clock @ 333 MHz for the CPU.
Clock @ 166 MHz for AHB bus and AHB peripherals.
Clock @ 83 MHz for, APB bus and APB peripherals.
Clock @ 333 MHz for DDR memory interface.
The default values give the maximum allowed clock frequencies. The clock frequencies are
fully programmable through dedicated registers.
The reset and clock generator consists of 2 main parts:
Multiclock generator block
3 internal PLLs
The multiclock generator block receives a reference signal (which is usually delivered by the
PLL) and generates all clocks for SPEAr320S IPs according to dedicated programmable
registers.
Each PLL uses an oscillator input of 24 MHz to generate a clock signal at a frequency
corresponding at the highest of the group. This is the reference signal used by the multiclock
generator block to obtain all the other requested clocks for the group. Its main feature is the
electromagnetic interference reduction capability.
You can set up PLL1 and PLL2 in order to modulate the VCO with a triangular wave. The
resulting signal has a spectrum (and power) spread over a small programmable range of
frequencies centered on F0 (the VCO frequency), obtaining minimum electromagnetic
emissions. This method replaces all the other traditional methods of EMI reduction, such as
filtering, ferrite beads, chokes, adding power layers and ground planes to PCBs, metal
shielding and so on. This offers important cost savings.
2.26
Vectored interrupt controller (VIC)
SPEAr320S integrates a vectored interrupt controller which provides a software interface to
the interrupt system. In any system with an interrupt controller, the software has to
determine the source that requests service and where its service routine is loaded. The VIC
inside SPEAr320S does both of these in hardware. It supplies the starting address, or vector
address, of the service routine corresponding to the highest priority requesting interrupt
source.
As in any ARM9-based system, two levels of interrupts are available:
fast interrupt requests (FIQ), for fast, low latency interrupt handling
normal interrupt requests (IRQ), for more general interrupts
The interrupt inputs must be level sensitive, active HIGH, and held asserted until the
interrupt service routine clears the interrupt. Edge-triggered interrupts are not compatible.
The interrupt inputs do not have to be synchronous to HCLK. The VIC does not handle
interrupt sources with transient behavior. For example, an interrupt is asserted and then de-
asserted before software can clear the interrupt source. In this case, the CPU acknowledges
the interrupt and obtains the vectored address for the interrupt from the VIC, assuming that
no other interrupt has occurred to overwrite the vectored address. However, when a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com