Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR320S-2 Datasheet(PDF) 23 Page - STMicroelectronics

Part # SPEAR320S-2
Description  Embedded MPU with ARM926 core for industrial and consumer applications
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR320S-2 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button SPEAR320S-2 Datasheet HTML 19Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 20Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 21Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 22Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 23Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 24Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 25Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 26Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 113 page
background image
SPEAr320S
Device functions
Doc ID 022508 Rev 2
23/113
2.20
LCD display controller (CLCD)
SPEAr320S has an integrated display controller able to directly interface a variety of color
and monochrome LCD panels.
Main features:
Programmable resolution up to 1024 x 768 (XGA)
Programmable timing parameters
Support for TFT (thin film transistor) color displays
Supports for STN (super twisted nematic) displays (single and dual panel) with 4- or 8-
bit interfaces
AC bias signal for STN and data enable signal for TFT panels
Gray scaling algorithm
The set of supported pixel widths and formats for each display type is shown in Table 4.
2.21
Touchscreen interface (TOUCHSCREEN)
SPEAr320S provides a toggling output signal (TOUCHSCREEN_X) that can be connected
to an external touchscreen panel. This interface operates in combination with the A/D
converter (ADC). Two coordinates can be read by software from the ADC: one at the end of
the high period and one at the end of the low period of TOUCHSCREEN_X signal.
Table 4.
Pixel widths and formats available for different display types
Display
1 bpp
2 bpp
4 bpp
8 bpp
16 bpp
24 bpp
Color TFT
Palette of 2
colors over 64K
Palette of 4
colors over 64K
Palette of 16
colors over
64K
Palette of
256 colors
over 64K
RGB 5:5:5 +
intensity
(64K colors)
RGB 8:8:8
(16M colors)
Color STN
Palette of 2
colors over 3375
Palette of 4
colors over 3375
Palette of 16
colors over
3375
Palette of
256 colors
over 3375
RGB 4:4:4
(4096 colors)
-
Mono STN
Palette of 2 gray
levels over 15
Palette of 4 gray
levels over 15
Palette of 16
gray levels over
15
Palette of
256 colors
over 3375
--



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com