Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR320S-2 Datasheet(PDF) 41 Page - STMicroelectronics

Part # SPEAR320S-2
Description  Embedded MPU with ARM926 core for industrial and consumer applications
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR320S-2 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button SPEAR320S-2 Datasheet HTML 37Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 38Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 39Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 40Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 41Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 42Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 43Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 44Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 113 page
background image
SPEAr320S
Pin description
Doc ID 022508 Rev 2
41/113
3.4.5
Boot pins
The status of the boot pins is read at startup by the BootROM.
The H[7:0] pins are user-definable strapping option pins. The values of the pins are latched
at startup and are readable from a register.
3.4.6
GPIOs
The PL_GPIO pins can be used as software-controlled general purpose I/Os if they are not
used by the interfaces of embedded IPs mapped on same pins.
Table 14.
Boot pins description
B3 B2 B1 B0
Boot device
0000
USB Device
0001
Ethernet MII0 (MAC address in I2C non-volatile memory)
0010
Ethernet MII0 (MAC address in SPI non-volatile memory)
0011
Serial NOR Flash (SMI interface)
0100
Parallel 8-bit NOR Flash (EMI interface)
0101
Parallel 16-bit NOR Flash (EMI interface)
0110
Parallel 8-bit NAND Flash (FSMC interface)
0111
Parallel 16-bit NAND Flash (FSMC interface)
1010
UART0
1011
Bypass BootROM and boot from serial NOR Flash (SMI interface)
Other
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com