Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR320S-2 Datasheet(PDF) 38 Page - STMicroelectronics

Part # SPEAR320S-2
Description  Embedded MPU with ARM926 core for industrial and consumer applications
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR320S-2 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button SPEAR320S-2 Datasheet HTML 34Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 35Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 36Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 37Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 38Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 39Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 40Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 41Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 113 page
background image
Pin description
SPEAr320S
38/113
Doc ID 022508 Rev 2
3.4.3
Alternate functions
Other peripheral functions are listed in the Alternate Functions column of Table 13:
PL_GPIO / PL_CLK pins description and can be individually enabled/disabled configuring
the bits of a dedicated control register.
3.4.4
Legacy configuration modes
This section describes the legacy operating modes created by using a selection of the
embedded IPs. These 4 modes provide for backward-compatiblity with existing SPEAr320
hardware applications. Mode 1 is the default mode for SPEAr320S.
The following modes can be selected by software through programming of dedicated
configuration registers (see Figure 3: Hierarchical multiplexing scheme).
●
Mode 1: HMI automation mode
●
Mode 2: MII automation networking mode
●
Mode 3: Expanded automation mode
●
Mode 4: Printer mode
Table 15 shows the IO functions available in each mode.
Mode 1 is the default mode for SPEAr320S.
Mode 1: HMI automation mode
In this example, HMI automation networking operating mode provides the following features
with Mode 1 selected and alternate functions for UART0, SSP0 and I2C0 enabled. Other
feature combinations are possible using different alternate functions.
●
LCD interface (up to 1024x768, 24-bit LCD controller, TFT and STN panels)
●
NAND Flash interface (8 bits, 4 chip selects)
●
2 CAN 2.0 interfaces
●
3 UARTs
–
1 with hardware flow control (up to 3 Mbps)
–
2 with software flow control (baud rate up to 7 Mbps)
●
Touchscreen facilities
●
3 independent SSP synchronous serial ports (SPI, Microwire or TI protocol)
●
2 independent I2C interfaces
●
GPIOs with interrupt capability
●
SDIO interface supporting SPI, SD1, SD4 and SD8 mode
●
1 PWM output (PWM3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com