Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR320S-2 Datasheet(PDF) 31 Page - STMicroelectronics

Part # SPEAR320S-2
Description  Embedded MPU with ARM926 core for industrial and consumer applications
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR320S-2 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button SPEAR320S-2 Datasheet HTML 27Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 28Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 29Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 30Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 31Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 32Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 33Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 34Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 113 page
background image
SPEAr320S
Pin description
Doc ID 022508 Rev 2
31/113
3.2
Required external components
Some pads require the use of an external component. Please follow the instructions below
to ensure the proper functioning of the device:
1.
DDR_COMP_1V8: place an external 121 k
Ω resistor between ball P4 and ball R4
2.
USB_TX_RTUNE: connect an external 43.2
Ω pull-down resistor to ball K5
3.
DIGITAL_REXT: place an external 121 k
Ω resistor between ball G4 and ball F4
4.
DITH_VDD_2V5: add a ferrite bead to ball M4
3.3
Dedicated pins description
3.3.1
Clock, reset and 3V3 comparator pins
Table 6.
MCLK, RTC, Reset and 3.3 V comparator pins description
Group
Signal name
Description
Dir.
Pin type
Ball
Master clock
(MCLK)
MCLK_XI
24 MHz (typical) crystal in
I
Oscillator 2.5 V capable
P1
MCLK_XO
24 MHz (typical) crystal out
O
P2
Real-time clock
(RTC)
RTC_XI
32 kHz crystal in
I
Oscillator 1V5 capable
E2
RTC_XO
32 kHz crystal out
O
E1
Reset
MRESET
Main reset
I
TTL Schmitt trigger input
buffer, 3.3 V tolerant
M17
3.3 V
comparator
DIGITAL_REXT
Configuration
O
Analog, 3.3 V capable
G4
DIGITAL_GNDBGCOMP Power
Power Power
F4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com