Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR320S-2 Datasheet(PDF) 81 Page - STMicroelectronics

Part # SPEAR320S-2
Description  Embedded MPU with ARM926 core for industrial and consumer applications
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR320S-2 Datasheet(HTML) 81 Page - STMicroelectronics

Back Button SPEAR320S-2 Datasheet HTML 77Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 78Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 79Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 80Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 81Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 82Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 83Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 84Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 85Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 113 page
background image
SPEAr320S
Timing requirements
Doc ID 022508 Rev 2
81/113
5.5
DDR2/LPDDR timing characteristics
The timing parameters listed below are defined by the JEDEC Standard for DDR memories.
DDR memories whose parameters are within the ranges defined in Table 53, Table 54 and
Table 55 can be interfaced with SPEAr320S.
Read cycle timing apply to DQS and DQ input to SPEAr. Write cycle timings refer to DQS
and DQ output to SPEAr.
The timing characterization is performed assuming an output load capacitance of 10 pF on
all the DDR pads.
5.5.1
DDR2/LPDDR read cycle timing characteristics
Figure 10.
DDR2/LPDDR read cycle waveform
Table 53.
DDR2/LPDDR read cycle timing requirements
Symbol
Description
Min
Max
Unit
tCK
DDR_MEM_CLKP/CLKN cycle time when
interfacing DDR2 memory
3
ns
LPDDR DDR_MEM_CLKP/CLKN cycle
time when interfacing LPDDR memory
6
tDQSQ
DQS to DQ input setup time
0
0.25tCK+0.4
tQH
DQS to DQ input hold time
0.25tCK+0.7
0.5tCK
tDQSQ
tQH
tQH
tDQSQ
tDQSQ
DDR_MEM_DQS_#
DDR_MEM_DQ_#
DDR_MEM_CLKP/
DDR_MEM_CLKN
tCK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com