Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR320S-2 Datasheet(PDF) 28 Page - STMicroelectronics

Part # SPEAR320S-2
Description  Embedded MPU with ARM926 core for industrial and consumer applications
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR320S-2 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button SPEAR320S-2 Datasheet HTML 24Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 25Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 26Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 27Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 28Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 29Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 30Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 31Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 113 page
background image
Device functions
SPEAr320S
28/113
Doc ID 022508 Rev 2
2.30
General purpose timers (GPT)
SPEAr320S provides 6 general purpose timers.
Main features:
●
Each timer provides a programmable 16-bit counter and a dedicated prescaler able to
perform a clock division by 1 up to 256 (different input frequencies can be chosen
through configuration registers, in the range from 3.96 Hz to 48 MHz)
●
Operating modes:
–
Auto-reload mode: when a software-defined value is reached, an interrupt is
triggered and the counter automatically restarts from zero
–
Single-shot mode: when a software-defined value is reached, an interrupt is
triggered, the counter is stopped and the timer is disabled
●
Capture capability (only for 4 timers)
2.31
Pulse width modulators (PWM)
SPEAr320S integrates 4 PWM (pulse width modulation) signal generators.
Main features:
●
Prescaler to define the input clock frequency to each timer
●
Programmable duty cycle from 0% to 100%
●
Programmable pulse length



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com