Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR320S-2 Datasheet(PDF) 18 Page - STMicroelectronics

Part # SPEAR320S-2
Description  Embedded MPU with ARM926 core for industrial and consumer applications
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR320S-2 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button SPEAR320S-2 Datasheet HTML 14Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 15Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 16Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 17Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 18Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 19Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 20Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 21Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 113 page
background image
Device functions
SPEAr320S
18/113
Doc ID 022508 Rev 2
The interface is compliant to the following standards:
SD Host Controller Standard Specification, version 2.0
SDIO Card Specification, version 2.0
SD Memory Card Specification Draft, version 2.0
SD Memory Card Security Specification, version 1.01
MMC Specification, version 3.31 and 4.2
Main features:
Up to 100 Mbps data rate using 4 parallel data lines (SD4 bit mode)
Up to 416 Mbps data rate using 8-bit parallel data lines (SD8 bit mode)
DMA-based and non-DMA modes of operation
Support for MMC Plus and MMC Mobile
Card detection (insertion / removal)
Card password protection
Host clock rate variable between 0 and 48 MHz
Multimedia card interrupt mode
Cyclic redundancy check: CRC7 (command) and CRC16 (data integrity)
Error correction code (ECC) support for MMC4.2 cards
Supports for Read Wait Control and Suspend/Resume
FIFO overrun and under-run handling by stopping SD clock
2.11
CAN 2.0 ports
SPEAr320S provides two independent CAN (controller area network) bus ports, typically
used in automotive, industrial and medical applications. For the connection to the physical
layer, an additional transceiver per port is required.
For communication on a CAN network, the controller enables to configure individual
message objects. The message objects and identifier masks for acceptance filtering of
received messages are stored in an integrated message RAM. All functions concerning the
handling of messages are implemented by a message handler. Those functions are the
acceptance filtering, the transfer of messages between the CAN core and the message
RAM, the handling of transmission requests as well as the generation of interrupts.
Main features:
Support for CAN protocol, version 2.0 part A and B
Transfer rate up to 1 Mbps
Internal RAM storage for up to 16 message objects (16 x 136 bytes memory)
Identifier mask per message object
Maskable interrupts
Programmable loop-back mode for self-test operation
Disabled automatic retransmission mode for time triggered CAN applications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com