Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR320S-2 Datasheet(PDF) 33 Page - STMicroelectronics

Part # SPEAR320S-2
Description  Embedded MPU with ARM926 core for industrial and consumer applications
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR320S-2 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button SPEAR320S-2 Datasheet HTML 29Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 30Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 31Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 32Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 33Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 34Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 35Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 36Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 113 page
background image
SPEAr320S
Pin description
Doc ID 022508 Rev 2
33/113
3.3.3
Debug pins
3.3.4
Non-multiplexed pins
Table 8.
Debug pins description
Signal name
Description
Dir.
Pin type
Ball
TEST_0
Debug mode configuration ports. See
also Section Table 32.: Ball sharing
during debug.
I
TTL input buffer, 3.3 V tolerant, PD
K16
TEST_1
K15
TEST_2
K14
TEST_3
K13
TEST_4
J15
BOOT_SEL
Reserved, to be fixed at high level
J14
nTRST
Test reset input
I
TTL Schmitt trigger input buffer, 3.3 V
tolerant, PU
L16
TDO
Test data output
O
TTL output buffer, 3.3 V capable 4 mA
L15
TCK
Test clock
I
TTL Schmitt trigger input buffer, 3.3 V
tolerant, PU
L17
TDI
Test data input
I
L14
TMS
Test mode select
I
L13
Table 9.
SMI pins description
Signal name
Description
Dir.
Pin type
Ball
SMI_DATAIN
Serial Flash input data
I
TTL Input Buffer 3.3 V tolerant, PU
M13
SMI_DATAOUT
Serial Flash output data
O
TTL output buffer 3.3 V capable 4 mA
M14
SMI_CLK
Serial Flash clock
IO
N17
SMI_CS_0
Serial Flash chip select
O
M15
SMI_CS_1
M16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com