Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR320S-2 Datasheet(PDF) 71 Page - STMicroelectronics

Part # SPEAR320S-2
Description  Embedded MPU with ARM926 core for industrial and consumer applications
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR320S-2 Datasheet(HTML) 71 Page - STMicroelectronics

Back Button SPEAR320S-2 Datasheet HTML 67Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 68Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 69Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 70Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 71Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 72Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 73Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 74Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 113 page
background image
SPEAr320S
Electrical characteristics
Doc ID 022508 Rev 2
71/113
This implies:
Cext = (CL-CS)*2
Example:
For this example, a Rakon XTAL003342 24 MHz oscillator has been used.
For the Rakon XTAL003342 crystal, CL = 12 pF
With CS = ~3 pF, we have: Cext = CL1 = CL2 = 18 pF
MCLK generated from an external clock source
Table 41.
MCLK external user clock source characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fMCLK_XI
External clock
source frequency
No limitation
24(1)
33
MHz
VMCLK_XIH
MCLK_XI input pin
high level voltage
MCLK_VDD2V5 -
0.3
MCLK_VDD2V5
V
VMCLK_XIL
MCLK_XI input pin
low level voltage
MCLK_GNDSUB
0.3
V
DuCy(MCLK_XI) Duty cycle
(2)
40
60
%
tr(MCLK_XI)
tf(MCLK_XI)
MCLK_XI input rise
and fall time
-5% of the clock
period
+5% of the clock
period
%
CIN(MCLK_XI)
MCLK_XI input
capacitance
7pF
IL(MCLK_XI)
MCLK_XI input
leakage current
MCLK_GNDSUB
V
IN
MCLK_VDD2V5
±1µA
1.
A frequency of 24 MHz is mandatory to obtain the required operating frequency for all clocks generated by the USB PLL
(PLL3).
2.
An initial delay of 1 µs + 2048
fMCLK_XI cycles occurs for duty cycle detection and internal clock availability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com