Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR320S-2 Datasheet(PDF) 20 Page - STMicroelectronics

Part # SPEAR320S-2
Description  Embedded MPU with ARM926 core for industrial and consumer applications
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR320S-2 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button SPEAR320S-2 Datasheet HTML 16Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 17Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 18Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 19Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 20Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 21Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 22Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 23Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 113 page
background image
Device functions
SPEAr320S
20/113
Doc ID 022508 Rev 2
2.13
I2C bus ports (I2C)
The SPEAr320S provides three independent I2C bus ports. Each port can be configured as
I2C bus master or slave.
Main features:
Compliant to the I2C bus specification (Philips)
Support for the 3 standard speeds:
Standard (100 Kbps)
Fast (400 kbps)
High-speed
Support for direct memory access (DMA)
Clock synchronization
Support for slave operation in multimaster environment
7-bit or 10-bit addressing
7-bit or 10-bit combined format transfers
Slave bulk transfer mode
Transmit and receive buffers
Interrupt or polled-mode operation
Handling of bit and byte waiting at all bus speeds
Digital filter for the received SDA and SCL lines
Filtering out of legacy CBUS addresses
2.14
Synchronous serial ports (SSP)
SPEAr320S provides three independent synchronous serial ports. Each port can be
configured as master or slave.
Main features:
Support for the following protocols:
SPI (Motorola)
Microwire (National Semiconductor)
SSI (Texas Instruments)
Programmable parameters:
Clock bit rate and prescale
Data frame size (from 4 to 16 bits)
Separate transmit and receive FIFO queues (8 x 16-bit entries)
Independent masking of transmit FIFO, receive FIFO, and receive overrun interrupts
Internal loopback test mode available
DMA interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com