Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR320S-2 Datasheet(PDF) 47 Page - STMicroelectronics

Part # SPEAR320S-2
Description  Embedded MPU with ARM926 core for industrial and consumer applications
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR320S-2 Datasheet(HTML) 47 Page - STMicroelectronics

Back Button SPEAR320S-2 Datasheet HTML 43Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 44Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 45Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 46Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 47Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 48Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 49Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 50Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 113 page
background image
Note:
1
Table 15 cells filled with ‘0’ or ‘1’ are unused and unless otherwise configured as Alternate function or GPIO, the corresponding pin
is held at low or high level respectively by the internal logic.
2Pins shared by EMI and FSMC: Depending on the AHB address to be accessed the pins are used for EMI or FSMC transfers.
3Reset state definition: the state of each pin during reset and after reset release. Device is in configuration mode 1 (default state) :
OH= Output high level, OL output low level, IPU = input pull up, IPD = input pull down.
4
Full debug mode: refer to Table 32: Ball sharing during debug for details on debug mode selection.
5
Functional mode definition: in functional mode the I/O works as configured by the application (depending on settings for
Configuration mode 1- 4/Extended mode/Alternate function).
6
Refer to Table 16: Table shading reference for Table 15 multiplexing scheme for colors and shading used in Table 15 cells to
identify pin groups
PL_GPIO_5/D2
UART1_RI
I2C0_SDA
Functional mode
IPU
GPIO_5
0
UART5_TX
0
0
PL_GPIO_4/C1
UART1_DCD
I2C0_SCL
IPU
GPIO_4
0
UART5_RX
0
0
PL_GPIO_3/D1
UART1_DSR
UART0_RX
IPD
GPIO_3
I2C2_SDA
UART6_TX
0
0
PL_GPIO_2/E4
UART1_RTS
UART0_TX
OH
GPIO_2
I2C2_SCL
UART6_RX
0
0
PL_GPIO_1/E3
I2C2_SDA
IrDA_RX
IPU
GPIO_1
UART2_TX
UART2_TX
UART2_TX
UART2_TX
PL_GPIO_0/F3
I2C2_SCL
IrDA_TX
OL
GPIO_0
UART2_RX
UART2_RX
UART2_RX
UART2_RX
PL_CLK1/K17
UART3_TX
PL_CLK1
OL
GPIO_98
CLCP
0
I2C1_SDA
SD_LED
PL_CLK2/J17
UART3_RX
PL_CLK2
OL
GPIO_99
SD_CLK
SD_CLK
I2C1_SCL
SD_CLK
PL_CLK3/J16
UART4_TX
PL_CLK3
IPU
GPIO_100
SD_WP
SD_WP
0
SD_WP
PL_CLK4/H17
UART4_RX
PL_CLK4
IPU
GPIO_101
SD_CMD
SD_CMD
0
SD_CMD
Table 15.
PL_GPIO/PL_CLK multiplexing scheme and reset states (continued)
PL_GPIO_# /
ball number
Extended
mode
primary
function (SW
defined)
Alternate
function
(SW
defined)
Full debug mode
Legacy configuration mode (SW defined)
Mode 1
(Default
configuration
after reset)
Mode 2
Mode 3
Mode 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com