Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR320S-2 Datasheet(PDF) 105 Page - STMicroelectronics

Part # SPEAR320S-2
Description  Embedded MPU with ARM926 core for industrial and consumer applications
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR320S-2 Datasheet(HTML) 105 Page - STMicroelectronics

Back Button SPEAR320S-2 Datasheet HTML 101Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 102Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 103Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 104Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 105Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 106Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 107Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 108Page - STMicroelectronics SPEAR320S-2 Datasheet HTML 109Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 113 page
background image
SPEAr320S
Timing requirements
Doc ID 022508 Rev 2
105/113
Note:
1
The time value depends upon the CPU frequency to write and read registers.
2
It also depends on the UART clock frequency used to set its flag register bit to indicate the
end of transmission.
For example:
For tD2, the above values are with respect to 83 MHz PCLK and UARTCLK 83 MHz.
Table 81.
RS485_OE transmit and receive timing characteristics
Symbol
Parameters
Min
Max
Unit
tD1
Delay from OE enable till UART first bit
transmission
500
ns
tD2
Delay from UART last bit transmission till OE
enable
900
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com