Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC7760IPWPR Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7760IPWPR
Description  Single-Channel, 12- and 16-Bit Programmable Current Output and Voltage Output Digital-to-Analog Converters for 4-mA to 20-mA Current Loop Applications
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC7760IPWPR Datasheet(HTML) 16 Page - Texas Instruments

Back Button DAC7760IPWPR Datasheet HTML 12Page - Texas Instruments DAC7760IPWPR Datasheet HTML 13Page - Texas Instruments DAC7760IPWPR Datasheet HTML 14Page - Texas Instruments DAC7760IPWPR Datasheet HTML 15Page - Texas Instruments DAC7760IPWPR Datasheet HTML 16Page - Texas Instruments DAC7760IPWPR Datasheet HTML 17Page - Texas Instruments DAC7760IPWPR Datasheet HTML 18Page - Texas Instruments DAC7760IPWPR Datasheet HTML 19Page - Texas Instruments DAC7760IPWPR Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 63 page
background image
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
-40
-25
-10
5
20
35
50
65
80
95
110
125
Temperature (0C)
C003
AVDD = +24 V
AVSS = -12 V
Max DNL
Min DNL
Output unloaded
All VOUT ranges
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
10
11
12
13
14
15
16
17
18
AVDD/ |AVSS| (V)
C009
Max DNL
Min DNL
±10 V range
AVDD = |AVSS|
Output unloaded
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
0
8192
16384
24576
32768
40960
49152
57344
65536
Code
C002
AVDD = 24 V
AVSS = 0 V
+5 V/ +10 V range
Output unloaded
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
0
8192
16384
24576
32768
40960
49152
57344
65536
Code
C002
AVDD = +24 V
AVSS = -12 V
Output unloaded
All VOUT ranges
-0.008
-0.006
-0.004
-0.002
0.000
0.002
0.004
0.006
0.008
0.010
-40
-25
-10
5
20
35
50
65
80
95
110
125
Temperature (0C)
C002
AVDD = +24 V
AVSS = -12 V
Max INL
Min INL
Output unloaded
All VOUT ranges
-0.010
-0.008
-0.006
-0.004
-0.002
0.000
0.002
0.004
0.006
0.008
0.010
10
11
12
13
14
15
16
17
18
AVDD/ |AVSS| (V)
C001
Max INL
Min INL
±10 V range
AVDD = |AVSS|
Output unloaded
16
DAC7760, DAC8760
SBAS528B – JUNE 2013 – REVISED JUNE 2016
www.ti.com
Product Folder Links: DAC7760 DAC8760
Submit Documentation Feedback
Copyright © 2013–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
At TA = 25°C, unless otherwise noted.
Figure 22. VOUT INL vs Temperature
Figure 23. VOUT INL vs Supply
Figure 24. VOUT DNL vs Code (Unipolar Outputs)
Figure 25. VOUT DNL vs Code
Figure 26. VOUT DNL vs Temperature
Figure 27. VOUT DNL vs Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com