Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC7760IPWPR Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7760IPWPR
Description  Single-Channel, 12- and 16-Bit Programmable Current Output and Voltage Output Digital-to-Analog Converters for 4-mA to 20-mA Current Loop Applications
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC7760IPWPR Datasheet(HTML) 22 Page - Texas Instruments

Back Button DAC7760IPWPR Datasheet HTML 18Page - Texas Instruments DAC7760IPWPR Datasheet HTML 19Page - Texas Instruments DAC7760IPWPR Datasheet HTML 20Page - Texas Instruments DAC7760IPWPR Datasheet HTML 21Page - Texas Instruments DAC7760IPWPR Datasheet HTML 22Page - Texas Instruments DAC7760IPWPR Datasheet HTML 23Page - Texas Instruments DAC7760IPWPR Datasheet HTML 24Page - Texas Instruments DAC7760IPWPR Datasheet HTML 25Page - Texas Instruments DAC7760IPWPR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 63 page
background image
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
0
8192
16384
24576
32768
40960
49152
57344
65536
Code
C002
AVDD = 24 V
AVSS = 0 V
4 mA to 20 mA range
R
LOAD = 300 Ÿ
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
0
8192
16384
24576
32768
40960
49152
57344
65536
Code
C005
AVDD = 24 V
AVSS = 0 V
0 mA to 20 mA range
R
LOAD = 300 Ÿ
-0.015
-0.010
-0.005
0.000
0.005
0.010
0.015
10
14
18
22
26
30
34
38
AVDD (V)
C003
Max INL
Min INL
AVSS = 0 V
R
LOAD = 300 Ÿ
0 mA to 24 mA range
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
0
8192
16384
24576
32768
40960
49152
57344
65536
Code
C008
AVDD = 24 V
AVSS = 0 V
0 mA to 24 mA range
R
LOAD = 300 Ÿ
-0.008
-0.006
-0.004
-0.002
0.000
0.002
0.004
-40
-25
-10
5
20
35
50
65
80
95
110
125
Temperature (oC)
C001
AVDD = 10 V
AVSS = 0 V
R
LOAD = 300 Ÿ
All IOUT ranges
Max INL
Min INL
-0.015
-0.010
-0.005
0.000
0.005
0.010
0.015
10
14
18
22
26
30
34
38
AVDD (V)
C004
AVSS = 0 V
R
LOAD = 300 Ÿ
0 mA to 24 mA range
Max INL
Min INL
22
DAC7760, DAC8760
SBAS528B – JUNE 2013 – REVISED JUNE 2016
www.ti.com
Product Folder Links: DAC7760 DAC8760
Submit Documentation Feedback
Copyright © 2013–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
At TA = 25°C, unless otherwise noted.
Figure 58. IOUT INL vs Temperature (External RSET)
Figure 59. IOUT INL vs Supply (Internal RSET)
Figure 60. IOUT INL vs Supply (External RSET)
Figure 61. IOUT DNL vs CODE (0 mA to 24 mA)
Figure 62. IOUT DNL vs Code (0 mA to 20 mA)
Figure 63. IOUT DNL vs Code (4 mA to 20 mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com