Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC7760IPWPR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7760IPWPR
Description  Single-Channel, 12- and 16-Bit Programmable Current Output and Voltage Output Digital-to-Analog Converters for 4-mA to 20-mA Current Loop Applications
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC7760IPWPR Datasheet(HTML) 7 Page - Texas Instruments

Back Button DAC7760IPWPR Datasheet HTML 3Page - Texas Instruments DAC7760IPWPR Datasheet HTML 4Page - Texas Instruments DAC7760IPWPR Datasheet HTML 5Page - Texas Instruments DAC7760IPWPR Datasheet HTML 6Page - Texas Instruments DAC7760IPWPR Datasheet HTML 7Page - Texas Instruments DAC7760IPWPR Datasheet HTML 8Page - Texas Instruments DAC7760IPWPR Datasheet HTML 9Page - Texas Instruments DAC7760IPWPR Datasheet HTML 10Page - Texas Instruments DAC7760IPWPR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 63 page
background image
7
DAC7760, DAC8760
www.ti.com
SBAS528B – JUNE 2013 – REVISED JUNE 2016
Product Folder Links: DAC7760 DAC8760
Submit Documentation Feedback
Copyright © 2013–2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
At AVDD = 10 V to 36 V, AVSS = –18 V to 0 V, AVDD + |AVSS|
≤ 36 V, GND = 0 V, REFIN = 5-V external, and DVDD = 2.7
V to 5.5 V. For VOUT: RL = 1 kΩ, CL = 200 pF; for IOUT: RL = 300 Ω. All specifications are from TA = –40°C to 125°C, unless
otherwise noted. Typical specifications are at 25°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
(3)
Specified by design and characterization; not production tested.
(4)
DAC8760 and DAC7760 current output range is set by writing to RANGE bits in control register at address 0x55.
(5)
For 0-mA to 20-mA and 0-mA to 24-mA ranges, INL is calculated beginning from code 0x0100 for DAC8760 and from code 0x0010 for
DAC7760.
Offset error temperature coefficient
±1
ppm FSR/°C
Gain error
TA = –40°C to 125°C
–0.07%
0.07%
FSR
TA = –40°C to 85°C
–0.06%
0.06%
TA = 25°C
–0.04%
±0.01%
0.04%
Gain error temperature coefficient
±3
ppm FSR/°C
Full-scale error
TA = –40°C to 125°C
–0.07%
0.07%
FSR
TA = –40°C to 85°C
–0.06%
0.06%
TA = 25°C
–0.04%
±0.01%
0.04%
Full-scale error temperature coefficient
±1
ppm FSR/°C
VOLTAGE OUTPUT (UNIPOLAR AND BIPOLAR MODES)
Headroom
AVDD with respect to VOUT full scale
0.5
V
Footroom
AVSS with respect to VOUT zero scale
–0.5
V
Output voltage drift vs time
TA = 125°C, 1000 hrs
±15
ppm FSR
Short-circuit current
30
mA
Load
For specified performance
1
kΩ
Capacitive load stability(3)
RL = ∞
20
nF
RL = 1 kΩ
5
nF
RL = 1 kΩ, external compensation capacitor (4 nF)
connected
1
µF
DC output impedance
Code = 0x8000
0.3
Ω
DC PSRR(3)
No output load
3
10
µV/V
CURRENT OUTPUT
Output current ranges
0
24
mA
0
20
4
20
Resolution
DAC8760
16
Bits
DAC7760
12
ACCURACY (0-mA TO 20-mA AND 0-mA TO 24-mA RANGE)(4)
Total unadjusted error, TUE
TA = –40°C to 125°C
–0.2%
0.2%
FSR
TA = –40°C to 85°C
–0.16%
0.16%
TA = 25°C
–0.08%
±0.02%
0.08%
Differential nonlinearity, DNL
Monotonic
±1
LSB
Relative accuracy, INL(5)
TA = –40°C to 125°C
±0.08%
FSR
TA = –40°C to 85°C
±0.024%
Offset error
TA = –40°C to 125°C
–0.17%
0.17%
FSR
TA = –40°C to 85°C
–0.1%
0.1%
TA = 25°C
–0.07%
±0.01%
0.07%
Offset error temperature coefficient
±5
ppm FSR/°C
Full-scale error
TA = –40°C to 125°C
–0.2%
0.2%
FSR
TA = –40°C to 85°C
–0.16%
0.16%
TA = 25°C
–0.08%
±0.015%
0.08%
Full-scale error temperature coefficient
Internal RSET
±5
ppm FSR/°C
External RSET
±10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com