Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC7760IPWPR Datasheet(PDF) 50 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7760IPWPR
Description  Single-Channel, 12- and 16-Bit Programmable Current Output and Voltage Output Digital-to-Analog Converters for 4-mA to 20-mA Current Loop Applications
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC7760IPWPR Datasheet(HTML) 50 Page - Texas Instruments

Back Button DAC7760IPWPR Datasheet HTML 46Page - Texas Instruments DAC7760IPWPR Datasheet HTML 47Page - Texas Instruments DAC7760IPWPR Datasheet HTML 48Page - Texas Instruments DAC7760IPWPR Datasheet HTML 49Page - Texas Instruments DAC7760IPWPR Datasheet HTML 50Page - Texas Instruments DAC7760IPWPR Datasheet HTML 51Page - Texas Instruments DAC7760IPWPR Datasheet HTML 52Page - Texas Instruments DAC7760IPWPR Datasheet HTML 53Page - Texas Instruments DAC7760IPWPR Datasheet HTML 54Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 63 page
background image
50
DAC7760, DAC8760
SBAS528B – JUNE 2013 – REVISED JUNE 2016
www.ti.com
Product Folder Links: DAC7760 DAC8760
Submit Documentation Feedback
Copyright © 2013–2016, Texas Instruments Incorporated
10 Power Supply Recommendations
The DACx760 family can operate within the specified single-supply range of 10 V to 36 V applied to the AVDD
pin or the specified dual-supply range of 10 V to 18 V applied to AVDD and 0 V to –18 V on AVSS or any
subsequent combination that does not exceed the maximum difference of 36 V between AVDD and AVSS. The
digital supply, DVDD, can operate within the specified supply range of 2.7 V to 5.5 V or be powered by the
internal 4.6-V LDO. Switching power supplies and DC/DC converters often have high-frequency glitches or
spikes riding on the output voltage. In addition, digital components can create similar high frequency spikes. This
noise can be easily coupled into the DAC output voltage or current through various paths between the power
connections and analog output. To further reduce noise, TI recommends including bulk and local decoupling
capacitors. The current consumption on the AVDD and AVSS pins, the short-circuit current limit for the voltage
output, and current ranges for the current output, are listed in Electrical Characteristics. The power supply must
meet the requirements listed in Electrical Characteristics.
11 Layout
11.1 Layout Guidelines
To maximize the performance of the DACx760 in any application, good layout practices and proper circuit design
must be followed. A few recommendations specific to the DACx760 are:
1. As is seen in Figure 93, CAP2 is directly connected to the input of the final IOUT amplifier. Any noise or
unwanted ac signal routed near the CAP1 and/or CAP2 pins could capacitively couple onto internal nodes
and affect IOUT. Therefore, with the QFN package, it is important to avoid routing any digital or HART signal
trace over the CAP1 and CAP2 traces.
2. The thermal PAD must be connected to the lowest potential in the system.
3. The +VSENSE connection must be a low-impedance trace connected close to the point of load.
4. AVDD and AVSS must have decoupling capacitors local to the respective pins.
5. The reference capacitor must be placed close to the reference input pin.
6. Avoid routing switching signals near the reference input.
7. For designs that include protection circuits:
(a) Place diversion elements, such as TVS diodes or capacitors, close to off-board connectors to make sure
that return current from high-energy transients does not cause damage to sensitive devices.
(b) Use large, wide traces to provide a low-impedance path to divert high-energy transients away from I/O
terminals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com