Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC7760IPWPR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7760IPWPR
Description  Single-Channel, 12- and 16-Bit Programmable Current Output and Voltage Output Digital-to-Analog Converters for 4-mA to 20-mA Current Loop Applications
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC7760IPWPR Datasheet(HTML) 10 Page - Texas Instruments

Back Button DAC7760IPWPR Datasheet HTML 6Page - Texas Instruments DAC7760IPWPR Datasheet HTML 7Page - Texas Instruments DAC7760IPWPR Datasheet HTML 8Page - Texas Instruments DAC7760IPWPR Datasheet HTML 9Page - Texas Instruments DAC7760IPWPR Datasheet HTML 10Page - Texas Instruments DAC7760IPWPR Datasheet HTML 11Page - Texas Instruments DAC7760IPWPR Datasheet HTML 12Page - Texas Instruments DAC7760IPWPR Datasheet HTML 13Page - Texas Instruments DAC7760IPWPR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 63 page
background image
10
DAC7760, DAC8760
SBAS528B – JUNE 2013 – REVISED JUNE 2016
www.ti.com
Product Folder Links: DAC7760 DAC8760
Submit Documentation Feedback
Copyright © 2013–2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
At AVDD = 10 V to 36 V, AVSS = –18 V to 0 V, AVDD + |AVSS|
≤ 36 V, GND = 0 V, REFIN = 5-V external, and DVDD = 2.7
V to 5.5 V. For VOUT: RL = 1 kΩ, CL = 200 pF; for IOUT: RL = 300 Ω. All specifications are from TA = –40°C to 125°C, unless
otherwise noted. Typical specifications are at 25°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Power dissipation
AVDD = 36 V, AVSS = GND, VOUT enabled,
unloaded, DVDD = 5 V
140
170
mW
AVDD = 18 V, AVSS = –18 V, VOUT enabled,
unloaded, DVDD = 5 V
135
TEMPERATURE
Thermal alarm
142
°C
Thermal alarm hysteresis
18
°C
(1)
Specified by characterization, not production tested.
7.6 Electrical Characteristics: AC
At AVDD = 10 V to 36 V, AVSS = –18 V to 0 V, AVDD + |AVSS|
≤ 36 V, GND = 0 V, REFIN = 5-V external; and DVDD = 4.5
V to 5.5 V. For VOUT: RL = 2 kΩ, CL = 200 pF; for IOUT: RL = 300 Ω. All specifications –40°C to 125°C, unless otherwise
noted. Typical specifications are at 25°C.
PARAMETER(1)
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DYNAMIC PERFORMANCE
CURRENT OUTPUT
Output current settling time
16-mA step, to 0.1% FSR, no L (inductance)
10
µs
16-mA step, to 0.1% FSR, L < 1 mH
25
AC PSRR
200-mV, 50-Hz or 60-Hz sine wave
superimposed on power-supply voltage
–75
dB
VOLTAGE OUTPUT
Output voltage settling time
0 V to 10 V, to ±0.03% FSR
22
µs
0 V to 5 V, to ±0.03% FSR
13
Slew rate
0.5
V/µs
Power-on glitch energy
2.5
µV-s
Digital-to-analog glitch energy
0.4
µV-s
Glitch impulse peak amplitude
200
mV
Digital feedthrough
2
nV-s
Output noise (0.1-Hz to 10-Hz bandwidth)
0.1
LSBPP
1 / f corner frequency
100
Hz
Output noise spectral density
Measured at 10 kHz
180
nV/
√Hz
AC PSRR
200-mV, 50-Hz, or 60-Hz sine wave
superimposed on power-supply voltage
–75
dB
(1)
Specified by design, not production tested.
(2)
Based on digital interface circuitry only.
When writing to DAC control and config registers, consider the analog output specifications in Electrical Characteristics: AC.
7.7 Timing Requirements: Write Mode
At TA = –40°C to 125°C and DVDD = 2.7 V to 5.5 V, unless otherwise noted. See Figure 1 for timing diagram.
PARAMETER(1)
MIN
MAX
UNIT
t1
SCLK cycle time
33
ns
t2
SCLK low time
13
ns
t3
SCLK high time
13
ns
t4
LATCH delay time
13
ns
t5
LATCH high time(2)
40
ns
t6
Data setup time
5
ns
t7
Data hold time
7
ns
t8
LATCH low time
40
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com