Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC7760IPWPR Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7760IPWPR
Description  Single-Channel, 12- and 16-Bit Programmable Current Output and Voltage Output Digital-to-Analog Converters for 4-mA to 20-mA Current Loop Applications
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC7760IPWPR Datasheet(HTML) 15 Page - Texas Instruments

Back Button DAC7760IPWPR Datasheet HTML 11Page - Texas Instruments DAC7760IPWPR Datasheet HTML 12Page - Texas Instruments DAC7760IPWPR Datasheet HTML 13Page - Texas Instruments DAC7760IPWPR Datasheet HTML 14Page - Texas Instruments DAC7760IPWPR Datasheet HTML 15Page - Texas Instruments DAC7760IPWPR Datasheet HTML 16Page - Texas Instruments DAC7760IPWPR Datasheet HTML 17Page - Texas Instruments DAC7760IPWPR Datasheet HTML 18Page - Texas Instruments DAC7760IPWPR Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 63 page
background image
-0.010
-0.008
-0.006
-0.004
-0.002
0.000
0.002
0.004
0.006
0.008
0.010
0
8192
16384
24576
32768
40960
49152
57344
65536
Code
C001
AVDD = +24 V
AVSS = 0 V
+5 V/ +10 V range
Output unloaded
-0.010
-0.008
-0.006
-0.004
-0.002
0.000
0.002
0.004
0.006
0.008
0.010
0
8192
16384
24576
32768
40960
49152
57344
65536
Code
C001
AVDD = +24 V
AVSS = -12 V
Output unloaded
All VOUT ranges
0.000
0.003
0.006
0.009
0.012
0.015
0.018
0.021
0.024
0.027
0.030
-40
-25
-10
5
20
35
50
65
80
95
110
125
Temperature (0C)
+5 V range
“5 V range
+10 V range
“10 V range
C002
AVDD = +24 V
AVSS = -12 V
Output unloaded
-0.04
-0.03
-0.02
-0.01
0.00
0.01
0.02
0.03
0.04
10
11
12
13
14
15
16
17
18
AVDD/ |AVSS| (V)
C002
Max Total Unadjusted Error
Min Total Unadjusted Error
AVDD = |AVSS|
±10 V range
Output unloaded
-0.04
-0.03
-0.02
-0.01
0.00
0.01
0.02
0.03
0.04
0
8192
16384
24576
32768
40960
49152
57344
65536
Code
+10 V range
+5 V range
C003
AVDD = +24 V
AVSS = 0 V
Output unloaded
-0.020
-0.015
-0.010
-0.005
0.000
0.005
0.010
0.015
0.020
0
8192
16384
24576
32768
40960
49152
57344
65536
Code
“10 V range
“5 V range
+10 V range
+5 V range
C003
AVDD = +24 V
AVSS = -12 V
Output unloaded
15
DAC7760, DAC8760
www.ti.com
SBAS528B – JUNE 2013 – REVISED JUNE 2016
Product Folder Links: DAC7760 DAC8760
Submit Documentation Feedback
Copyright © 2013–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
At TA = 25°C, unless otherwise noted.
Figure 16. VOUT TUE vs Code (Unipolar Outputs)
Figure 17. VOUT TUE vs Code
Figure 18. VOUT TUE vs Temperature
Figure 19. VOUT TUE vs Supply
Figure 20. VOUT INL vs Code (Unipolar Outputs)
Figure 21. VOUT INL vs Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com