Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC7760IPWPR Datasheet(PDF) 43 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7760IPWPR
Description  Single-Channel, 12- and 16-Bit Programmable Current Output and Voltage Output Digital-to-Analog Converters for 4-mA to 20-mA Current Loop Applications
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC7760IPWPR Datasheet(HTML) 43 Page - Texas Instruments

Back Button DAC7760IPWPR Datasheet HTML 39Page - Texas Instruments DAC7760IPWPR Datasheet HTML 40Page - Texas Instruments DAC7760IPWPR Datasheet HTML 41Page - Texas Instruments DAC7760IPWPR Datasheet HTML 42Page - Texas Instruments DAC7760IPWPR Datasheet HTML 43Page - Texas Instruments DAC7760IPWPR Datasheet HTML 44Page - Texas Instruments DAC7760IPWPR Datasheet HTML 45Page - Texas Instruments DAC7760IPWPR Datasheet HTML 46Page - Texas Instruments DAC7760IPWPR Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 63 page
background image
-400
-300
-200
-100
0
100
200
300
-12
-8
-4
0
4
8
12
16
20
24
+VSENSE Pin Voltage (V)
APD bit disabled
APD bit enabled
C002
AVDD = +24 V
AVSS = -12 V
Output disabled
43
DAC7760, DAC8760
www.ti.com
SBAS528B – JUNE 2013 – REVISED JUNE 2016
Product Folder Links: DAC7760 DAC8760
Submit Documentation Feedback
Copyright © 2013–2016, Texas Instruments Incorporated
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
9.1.1 Controlling the VOUT and IOUT Pins
This section describes how to control the VOUT and IOUT pins for three use cases:
9.1.1.1 VOUT and IOUT Pins are Independent Outputs, Never Simultaneously Enabled
In most applications, VOUT and IOUT are not connected together. In addition, only one is enabled at a time or
they are both powered down. In this configuration, bits 10 down to 7 of the Configuration Register must be set to
0000 (default value). Bits 2 down to 0 of the Control Register (RANGE bits) control VOUT and IOUT.
9.1.1.2 VOUT and IOUT Pins are Independent Outputs, Simultaneously Enabled
When VOUT and IOUT are independent outputs and simultaneously enabled, bit 8 of the Configuration Register
(DUAL OUTEN) must be set to 1. Bits 2 down to 0 of the Control Register (RANGE bits) control VOUT and bits
10 down to 9 of the Configuration Register (IOUT RANGE) control IOUT. Note that only one DAC code register
exists and therefore the voltage and current outputs are controlled by the same code. Note that changing the
RANGE bits at any time causes the DAC data register to be cleared based on the value of the CLR-SEL pin or
CLRSEL register bit and the new value of the RANGE bits.
9.1.1.3 VOUT and IOUT Pins are Tied Together, Never Simultaneously Enabled
When the VOUT and IOUT pins are tied together, bit 8 of the Configuration Register (DUAL OUTEN) must be set
to 0. Bits 2 down to 0 of the Control Register (RANGE) control VOUT and IOUT. Special consideration must be
paid to the +VSENSE pin in this case. When VOUT is disabled, the +VSENSE pin is connected to the internal
amplifier input through an internal 60-kΩ resistor as shown in Figure 83. This internal node has diode clamps to
REFIN and GND. Setting bit 6 of the Configuration Register (APD) forces this internal node to be tied to GND
through a 10-kΩ resistor, in effect, the +VSENSE pin is tied to GND through a 70-kΩ power-down resistor.
Figure 91 shows the leakage current into the +VSENSE pin for both settings of the APD bit.
Figure 91. +VSENSE Leakage Current vs Pin Voltage
Whether the APD bit is set or not set, the current output in this case incurs a gain error because the internal
resistor acts as a parallel load in addition to the external load. If this gain error is undesirable, it can be corrected
through the gain calibration register shown in Table 20. Another option is to use the application circuit in
Figure 92.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com