Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC7760IPWPR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7760IPWPR
Description  Single-Channel, 12- and 16-Bit Programmable Current Output and Voltage Output Digital-to-Analog Converters for 4-mA to 20-mA Current Loop Applications
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC7760IPWPR Datasheet(HTML) 5 Page - Texas Instruments

  DAC7760IPWPR Datasheet HTML 1Page - Texas Instruments DAC7760IPWPR Datasheet HTML 2Page - Texas Instruments DAC7760IPWPR Datasheet HTML 3Page - Texas Instruments DAC7760IPWPR Datasheet HTML 4Page - Texas Instruments DAC7760IPWPR Datasheet HTML 5Page - Texas Instruments DAC7760IPWPR Datasheet HTML 6Page - Texas Instruments DAC7760IPWPR Datasheet HTML 7Page - Texas Instruments DAC7760IPWPR Datasheet HTML 8Page - Texas Instruments DAC7760IPWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 63 page
background image
5
DAC7760, DAC8760
www.ti.com
SBAS528B – JUNE 2013 – REVISED JUNE 2016
Product Folder Links: DAC7760 DAC8760
Submit Documentation Feedback
Copyright © 2013–2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
AVSS tied to GND.
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
AVDD to AVSS
–0.3
40
V
AVDD to GND
–0.3
40
V
AVSS to GND
–20
0.3
V
DVDD to GND
–0.3
6
V
VOUT to AVSS
AVSS
AVDD
V
VOUT to GND(2)
AVSS
AVDD
V
IOUT to AVSS
AVSS
AVDD
V
IOUT to GND(2)
AVSS
AVDD
V
REFIN to GND
–0.3
6
V
REFOUT to GND
–0.3
6
V
Current into REFOUT
10
mA
Digital input voltage to GND
–0.3
DVDD + 0.3
V
SDO to GND
–0.3
DVDD + 0.3
V
ALARM to GND
–0.3
6
V
Power dissipation
(TJmax – TA)/RθJA
W
Junction temperature, TJmax
150
°C
Operating temperature
–40
125
°C
Storage temperature, Tstg
–65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±1500
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±1000
(1)
Loop compliance voltage is defined as the voltage at the IOUT pin
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
AVDD (AVDD + |AVSS|
≤ 36 V)
10
36
V
AVSS (AVDD + |AVSS|
≤ 36 V)
–18
0
V
DVDD, Internal regulator disabled
2.7
5.5
V
Reference input voltage
4.95
5.05
V
External reference current (REFIN = 5 V, outputs off or IOUT enabled)
30
µA
Loop compliance voltage (output = 24 mA)(1)
AVDD – 2
V
VIH, Digital input high voltage
2
V
VIL, Digital input low voltage
3.6 V < AVDD < 5.5 V
0.8
V
2.7 V < AVDD < 3.6 V
0.6
Specified performance temperature
–40
125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com