Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC7760IPWPR Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7760IPWPR
Description  Single-Channel, 12- and 16-Bit Programmable Current Output and Voltage Output Digital-to-Analog Converters for 4-mA to 20-mA Current Loop Applications
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC7760IPWPR Datasheet(HTML) 23 Page - Texas Instruments

Back Button DAC7760IPWPR Datasheet HTML 19Page - Texas Instruments DAC7760IPWPR Datasheet HTML 20Page - Texas Instruments DAC7760IPWPR Datasheet HTML 21Page - Texas Instruments DAC7760IPWPR Datasheet HTML 22Page - Texas Instruments DAC7760IPWPR Datasheet HTML 23Page - Texas Instruments DAC7760IPWPR Datasheet HTML 24Page - Texas Instruments DAC7760IPWPR Datasheet HTML 25Page - Texas Instruments DAC7760IPWPR Datasheet HTML 26Page - Texas Instruments DAC7760IPWPR Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 63 page
background image
-0.18
-0.12
-0.06
0.00
0.06
0.12
0.18
-40
-25
-10
5
20
35
50
65
80
95
110
125
Temperature (oC)
0 mA to 20 mA Internal RSET
0 mA to 24 mA Internal RSET
4 mA to 20 mA Internal RSET
0 mA to 20 mA External RSET
0 mA to 24 mA External RSET
4 mA to 20 mA External RSET
C006
AVDD = 10 V
AVSS = 0 V
R
LOAD = 300 Ÿ
-0.12
-0.09
-0.06
-0.03
0.00
0.03
0.06
0.09
0.12
-40
-25
-10
5
20
35
50
65
80
95
110
125
Temperature (oC)
0 mA to 20 mA Internal RSET
0 mA to 24 mA Internal RSET
4 mA to 20 mA Internal RSET
0 mA to 20 mA External RSET
0 mA to 24 mA External RSET
4 mA to 20 mA External RSET
C003
AVDD = 10 V
AVSS = 0 V
R
LOAD = 300 Ÿ
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
10
14
18
22
26
30
34
38
AVDD (V)
C008
Max DNL
Min DNL
AVSS = 0 V
R
LOAD = 300 Ÿ
0 mA to 24 mA range
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
10
14
18
22
26
30
34
38
AVDD (V)
C007
Max DNL
Min DNL
AVSS = 0 V
R
LOAD = 300 Ÿ
0 mA to 24 mA range
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
-40
-25
-10
5
20
35
50
65
80
95
110
125
Temperature (oC)
C010
AVDD = 10 V
AVSS = 0 V
R
LOAD = 300 Ÿ
All IOUT ranges
Max DNL
Min DNL
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
-40
-25
-10
5
20
35
50
65
80
95
110
125
Temperature (oC)
C011
Max DNL
AVDD = 10 V
AVSS = 0 V
R
LOAD = 300 Ÿ
All IOUT ranges
Min DNL
23
DAC7760, DAC8760
www.ti.com
SBAS528B – JUNE 2013 – REVISED JUNE 2016
Product Folder Links: DAC7760 DAC8760
Submit Documentation Feedback
Copyright © 2013–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
At TA = 25°C, unless otherwise noted.
Figure 64. IOUT DNL vs Temperature (Internal RSET)
Figure 65. IOUT DNL vs Temperature (External RSET)
Figure 66. IOUT DNL vs Supply (Internal RSET)
Figure 67. IOUT DNL vs Supply (External RSET)
Figure 68. IOUT Full-Scale Error vs Temperature
Figure 69. IOUT Offset Error vs Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com