Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC7760IPWPR Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7760IPWPR
Description  Single-Channel, 12- and 16-Bit Programmable Current Output and Voltage Output Digital-to-Analog Converters for 4-mA to 20-mA Current Loop Applications
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC7760IPWPR Datasheet(HTML) 29 Page - Texas Instruments

Back Button DAC7760IPWPR Datasheet HTML 25Page - Texas Instruments DAC7760IPWPR Datasheet HTML 26Page - Texas Instruments DAC7760IPWPR Datasheet HTML 27Page - Texas Instruments DAC7760IPWPR Datasheet HTML 28Page - Texas Instruments DAC7760IPWPR Datasheet HTML 29Page - Texas Instruments DAC7760IPWPR Datasheet HTML 30Page - Texas Instruments DAC7760IPWPR Datasheet HTML 31Page - Texas Instruments DAC7760IPWPR Datasheet HTML 32Page - Texas Instruments DAC7760IPWPR Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 63 page
background image
N
CODE
IOUT
16mA •
4mA
2
=
+
N
CODE
IOUT
24mA •
2
=
N
CODE
IOUT
20mA •
2
=
+
12-/16-BitBa_
DACBa_
RSET
R2
T1
A1
+
T2
A2
R3
í
í
IOUT
BOOST
AVDD
29
DAC7760, DAC8760
www.ti.com
SBAS528B – JUNE 2013 – REVISED JUNE 2016
Product Folder Links: DAC7760 DAC8760
Submit Documentation Feedback
Copyright © 2013–2016, Texas Instruments Incorporated
Figure 84. Current Output
Resistor RSET (used to convert the DAC voltage to current) determines the stability of the output current over
temperature. If desired, an external, low-drift, precision 15-kΩ resistor can be connected to the ISET-R pin and
used instead of the internal RSET resistor.
For a 5-V reference, the output can be expressed as shown in Equation 3 through Equation 5.
For a 0-mA to 20-mA output range:
(3)
For a 0-mA to 24-mA output range:
(4)
For a 4-mA to 20-mA output range:
where
•
CODE is the decimal equivalent of the code loaded to the DAC.
•
N is the bits of resolution; 16 for DAC8760 and 12 for DAC7760.
(5)
The current-output range is normally set according to the value of the RANGE bits in the Control Register. When
both the voltage and current outputs are enabled in dual-output mode, the range is set by the IOUT RANGE bits
in the Configuration Register. See Setting Voltage and Current Output Ranges for more details. For more details
on controlling the current output when both the VOUT and IOUT pins are simultaneously enabled, see
Controlling the VOUT and IOUT Pins.
8.3.4 Internal Reference
The DACx760 includes an integrated 5-V reference with a buffered output (REFOUT) capable of driving up to
5 mA (source or sink) with an initial accuracy of ±5 mV (maximum) and a temperature drift coefficient of 10
ppm/°C (maximum).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com