Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC7760IPWPR Datasheet(PDF) 48 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7760IPWPR
Description  Single-Channel, 12- and 16-Bit Programmable Current Output and Voltage Output Digital-to-Analog Converters for 4-mA to 20-mA Current Loop Applications
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC7760IPWPR Datasheet(HTML) 48 Page - Texas Instruments

Back Button DAC7760IPWPR Datasheet HTML 44Page - Texas Instruments DAC7760IPWPR Datasheet HTML 45Page - Texas Instruments DAC7760IPWPR Datasheet HTML 46Page - Texas Instruments DAC7760IPWPR Datasheet HTML 47Page - Texas Instruments DAC7760IPWPR Datasheet HTML 48Page - Texas Instruments DAC7760IPWPR Datasheet HTML 49Page - Texas Instruments DAC7760IPWPR Datasheet HTML 50Page - Texas Instruments DAC7760IPWPR Datasheet HTML 51Page - Texas Instruments DAC7760IPWPR Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 63 page
background image
I
OUT
15 V
RA
RB
R
SET
Q1
Q2
A1
A2
V
OUT
GND
A3
R
FB
R
G1
AVDD
V
/
V
REFIN
REFOUT
GND
D
IN
SCLK
CS
LDAC
15 V
-15 V
15 V
-15 V
15 V
-15 V
5 V
R
G2
+
+
+
Copyright © 2016, Texas Instruments Incorporated
48
DAC7760, DAC8760
SBAS528B – JUNE 2013 – REVISED JUNE 2016
www.ti.com
Product Folder Links: DAC7760 DAC8760
Submit Documentation Feedback
Copyright © 2013–2016, Texas Instruments Incorporated
Typical Application (continued)
9.2.1.2 Detailed Design Procedure
Figure 97. Generic Design for Typical PLC Current and Voltage Outputs
Figure 97 illustrates a common generic solution for realizing these desired voltage and current output spans.
The current output circuit is comprised of amplifiers A1 and A2, MOSFETs Q1 and Q1, and the three resistors
RSET, RA, and RB. This two-stage current source enables the ground-referenced DAC output voltage to drive the
high-side amplifier required for the current-source.
The voltage output circuit is composed of amplifier A3 and the resistor network consisting of RFB, RG1, and RG2.
A3 operates as a modified summing amplifier, where the DAC controls the noninverting input and the inverting
input has one path to GND and a second to VREF. This configuration allows the single-ended DAC to create both
the unipolar 0-V to 5-V and 0-V to 10-V outputs and the bipolar ±5-V and ±10-V outputs by modifying the values
of RG1 and RG2.
Figure 96 generates clean ±15-V supplies using a synchronous step-down regulator (TPS54062) and two high-
voltage, ultra-low noise, linear regulators (TPS7A49 and TPS7A30). A field supply terminal is shown instead of
the more common use case of a back-plane supply. The design uses two triple channel isolators (ISO7631FC) to
provide galvanic isolation for the digital lines to communicate to the main controller. Note that these isolators can
be driven by the internally-generated supply (DVDD) from the DACx760 to save components and cost. The
DACx760 supplies up to 10 mA that meets the supply requirements of the two isolators running at up to 10
Mbps. Note that additional cost savings are possible if noncritical digital signals such as CLR and ALARM are
tied to GND or left unconnected. Finally, a protection scheme with transient voltage suppressors and other
components is placed on all pins which connect to the field.
The protection circuitry is designed to provide immunity to the IEC61000-4 test suite which includes system-level
industrial transient tests. The protection circuit includes transient voltage suppressor (TVS) diodes, clamp-to-rail
steering diodes, and pass elements in the form of resistors and ferrite beads. For more detail about selecting
these components, see TIPD153.
9.2.1.3 Application Curves
The current output circuit was measured in 0-mA to 24-mA mode using an 8.5 digit digital multi-meter to measure
the output while driving a 300-
Ω load at 25°C. The measured results are shown in Figure 98. The voltage output
circuit was measured in ±10-V mode using an 8.5 digit digital multi-meter to measure the output while driving a 1-
k
Ω load at 25°C. The measured results are shown in Figure 99. In both cases, the voltage and current outputs
remain within the specified performance of the data sheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com