Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC7760IPWPR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7760IPWPR
Description  Single-Channel, 12- and 16-Bit Programmable Current Output and Voltage Output Digital-to-Analog Converters for 4-mA to 20-mA Current Loop Applications
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC7760IPWPR Datasheet(HTML) 6 Page - Texas Instruments

Back Button DAC7760IPWPR Datasheet HTML 2Page - Texas Instruments DAC7760IPWPR Datasheet HTML 3Page - Texas Instruments DAC7760IPWPR Datasheet HTML 4Page - Texas Instruments DAC7760IPWPR Datasheet HTML 5Page - Texas Instruments DAC7760IPWPR Datasheet HTML 6Page - Texas Instruments DAC7760IPWPR Datasheet HTML 7Page - Texas Instruments DAC7760IPWPR Datasheet HTML 8Page - Texas Instruments DAC7760IPWPR Datasheet HTML 9Page - Texas Instruments DAC7760IPWPR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 63 page
background image
6
DAC7760, DAC8760
SBAS528B – JUNE 2013 – REVISED JUNE 2016
www.ti.com
Product Folder Links: DAC7760 DAC8760
Submit Documentation Feedback
Copyright © 2013–2016, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
7.4 Thermal Information
THERMAL METRIC(1)
DACx760
UNIT
RHA (VQFN)
PWP (HTSSOP)
40 PINS
24 PINS
RθJA
Junction-to-ambient thermal resistance
32.9
32.3
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
17.2
14.1
°C/W
RθJB
Junction-to-board thermal resistance
7.5
12.2
°C/W
ψJT
Junction-to-top characterization parameter
0.2
0.3
°C/W
ψJB
Junction-to-board characterization parameter
7.5
12
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
1.4
0.63
°C/W
(1)
When powered with AVSS = 0 V, INL and offset error for the 0-V to 5-V and 0-V to 10-V ranges are calculated beginning from code
0x0100 for DAC8760 and from code 0x0010 for DAC7760.
(2)
Assumes a footroom of 0.5 V.
7.5 Electrical Characteristics
At AVDD = 10 V to 36 V, AVSS = –18 V to 0 V, AVDD + |AVSS|
≤ 36 V, GND = 0 V, REFIN = 5-V external, and DVDD = 2.7
V to 5.5 V. For VOUT: RL = 1 kΩ, CL = 200 pF; for IOUT: RL = 300 Ω. All specifications are from TA = –40°C to 125°C, unless
otherwise noted. Typical specifications are at 25°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOLTAGE OUTPUT
Voltage output ranges (normal mode)
AVDD
≥ 10 V
0
5
V
AVDD
≥ 10.5 V
0
10
AVSS
≤ –5.5 V, AVDD ≥ 10 V
–5
5
AVSS
≤ –10.5 V, AVDD ≥ 10.5 V
–10
10
Voltage output range (overrange mode)
AVDD
≥ 10 V
0
5.5
V
AVDD
≥ 11.5 V
0
11
AVSS
≤ –6 V, AVDD ≥ 10 V
–5.5
5.5
AVSS
≤ –11.5 V, AVDD ≥ 11.5 V
–11
11
Resolution
DAC8760
16
Bits
DAC7760
12
ACCURACY(1)
Total unadjusted error, TUE
TA = –40°C to 125°C
–0.07%
0.07%
FSR
TA = –40°C to 85°C
–0.06%
0.06%
TA = 25°C
–0.04%
±0.015%
0.04%
Differential nonlinearity, DNL
Monotonic
±1
LSB
Relative accuracy, INL
TA = –40°C to 125°C
±0.04%
FSR
TA = –40°C to 85°C
±0.022%
Bipolar zero error
TA = –40°C to 125°C
–7
7
mV
TA = –40°C to 85°C
–6
6
TA = 25°C, ±5 V and ±5.5 V
–1.5
±0.5
1.5
TA = 25°C, ±10 V and ±11 V
–3
±1
3
Bipolar zero error temperature coefficient
±1
ppm FSR/°C
Zero-scale error(2)
Unipolar range (0 to 5 V, 0
to 5.5 V, 0 to 10 V, 0 to 11
V)
TA = –40°C to 125°C
–4
4
mV
TA = –40°C to 85°C
–2
2
TA = 25°C
–0.6
±0.1
0.6
Bipolar range (±5 V, ±5.5
V, ±10 V, ±11 V)
TA = –40°C to 125°C
–10
10
mV
TA = 25°C
–3.5
±1
3.5
Zero-scale error temperature coefficient
±2
ppm FSR/°C
Offset error
TA = –40°C to 125°C, unipolar range
–4
4
mV
TA = –40°C to 85°C, unipolar range
–2
2
TA = 25°C, unipolar range
–0.6
±0.1
0.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com