Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC7760IPWPR Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7760IPWPR
Description  Single-Channel, 12- and 16-Bit Programmable Current Output and Voltage Output Digital-to-Analog Converters for 4-mA to 20-mA Current Loop Applications
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC7760IPWPR Datasheet(HTML) 33 Page - Texas Instruments

Back Button DAC7760IPWPR Datasheet HTML 29Page - Texas Instruments DAC7760IPWPR Datasheet HTML 30Page - Texas Instruments DAC7760IPWPR Datasheet HTML 31Page - Texas Instruments DAC7760IPWPR Datasheet HTML 32Page - Texas Instruments DAC7760IPWPR Datasheet HTML 33Page - Texas Instruments DAC7760IPWPR Datasheet HTML 34Page - Texas Instruments DAC7760IPWPR Datasheet HTML 35Page - Texas Instruments DAC7760IPWPR Datasheet HTML 36Page - Texas Instruments DAC7760IPWPR Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 63 page
background image
15
16
User _ GAIN
2
CODE _ OUT
CODE •
User _ ZERO
2
+
=
+
33
DAC7760, DAC8760
www.ti.com
SBAS528B – JUNE 2013 – REVISED JUNE 2016
Product Folder Links: DAC7760 DAC8760
Submit Documentation Feedback
Copyright © 2013–2016, Texas Instruments Incorporated
where
•
CODE is the decimal equivalent of the code loaded to the DAC data register at address 0x01.
•
N is the bits of resolution; 16 for DAC8760 and 12 for DAC7760.
•
User_ZERO is the signed 16-bit code in the zero register.
•
User_GAIN is the unsigned 16-bit code in the gain register.
•
CODE_OUT is the decimal equivalent of the code loaded to the DAC (limited between 0x0000 to 0xFFFF for
DAC8760 and 0x000 to 0xFFF for DAC7760).
(6)
This is a purely digital implementation and the output is still limited by the programmed value at both ends of the
voltage or current output range. In addition, remember that the correction only makes sense for endpoints inside
of the true device end points. To correct more than just the actual device error, for example a system offset, the
valid range for the adjustment changes accordingly and must be taken into account. This range is set by the
RANGE, OVR, DUAL OUTEN, and IOUT RANGE bits, as described in Setting Voltage and Current Output
Ranges.
8.3.13 Programmable Slew Rate
The slew rate control feature controls the rate at which the output voltage or current changes. With the slew rate
control feature disabled, the output changes smoothly at a rate limited by the output drive circuitry and the
attached load.
To reduce the slew rate, enable the slew rate control feature through bit 4 of the Table 17. With this feature
enabled, the output does not slew directly between the two values. Instead, the output steps digitally at a rate
defined by bits [7:5] (SRSTEP) and bits [11:8] (SRCLK) of the control register. SRCLK defines the rate at which
the digital slew updates; SRSTEP defines the amount by which the output value changes at each update. If the
DAC data register is read while the DAC output is still changing, the instantaneous value is read. Table 5 lists the
slew rate step-size options. Table 6 summarizes the slew rate update clock options.
Table 5. Slew Rate Step-Size (SRSTEP) Options
SRSTEP
STEP SIZE (LSB)
DAC7760
DAC8760
000
0.0625
1
001
0.125
2
010
0.125
4
011
0.5
8
100
1
16
101
2
32
110
4
64
111
8
128



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com