Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC7760IPWPR Datasheet(PDF) 40 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7760IPWPR
Description  Single-Channel, 12- and 16-Bit Programmable Current Output and Voltage Output Digital-to-Analog Converters for 4-mA to 20-mA Current Loop Applications
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC7760IPWPR Datasheet(HTML) 40 Page - Texas Instruments

Back Button DAC7760IPWPR Datasheet HTML 36Page - Texas Instruments DAC7760IPWPR Datasheet HTML 37Page - Texas Instruments DAC7760IPWPR Datasheet HTML 38Page - Texas Instruments DAC7760IPWPR Datasheet HTML 39Page - Texas Instruments DAC7760IPWPR Datasheet HTML 40Page - Texas Instruments DAC7760IPWPR Datasheet HTML 41Page - Texas Instruments DAC7760IPWPR Datasheet HTML 42Page - Texas Instruments DAC7760IPWPR Datasheet HTML 43Page - Texas Instruments DAC7760IPWPR Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 63 page
background image
40
DAC7760, DAC8760
SBAS528B – JUNE 2013 – REVISED JUNE 2016
www.ti.com
Product Folder Links: DAC7760 DAC8760
Submit Documentation Feedback
Copyright © 2013–2016, Texas Instruments Incorporated
Register Maps (continued)
Table 16. Command and Register Map (continued)
REGISTER /
COMMAND
READ/WRITE
ACCESS
DATA BITS (DB15:DB0)
15
14
13
12
11
10:9
8
7
6
5
4
3
2
1
0
DAC Gain
Calibration
(2)
RW
G15:G0, unsigned
DAC Zero Calibration
(2)
RW
Z15:Z0, signed
Watchdog Timer
(3)
—
X
8.6.1.1 DACx760 Register Descriptions
8.6.1.1.1
Control Register
The DACx760 control register is written to at address 0x55. Table 17 shows the description for the control
register bits.
Table 17. Control Register 0x55
DATA BIT(S)
NAME
DEFAULT
DESCRIPTION
DB15
CLRSEL
0
VOUT clear value select bit.
When bit = 0, VOUT is 0 V in DAC Clear mode or after reset.
When bit = 1, VOUT is midscale in unipolar output and negative-full-scale in bipolar output
in DAC Clear mode or after reset.
DB14
OVR
0
Setting the bit increases the voltage output range by 10%.
DB13
REXT
0
External current setting resistor enable.
DB12
OUTEN
0
Output enable.
Bit = 1: Output is determined by RANGE bits.
Bit = 0: Output is disabled. IOUT and VOUT are Hi-Z.
DB11:DB8
SRCLK[3:0]
0000
Slew rate clock control. Ignored when bit SREN = 0
DB7:DB5
SRSTEP[2:0]
000
Slew rate step size control. Ignored when bit SREN = 0
DB4
SREN
0
Slew Rate Enable.
Bit = 1: Slew rate control is enabled, and the ramp speed of the output change is
determined by SRCLK and SRSTEP.
Bit = 0: Slew rate control is disabled. Bits SRCLK and SRSTEP are ignored. The output
changes to the new level immediately.
DB3
DCEN
0
Daisy-chain enable.
DB2:DB0
RANGE[2:0]
000
Output range bits.
8.6.1.1.2
Configuration Register
The DACx760 configuration register is written to at address 0x57. Table 18 summarizes the description for the
configuration register bits.
Table 18. Configuration Register 0x57
DATA BIT(S)
NAME
DEFAULT
DESCRIPTION
DB15:DB11
0h
Reserved. User must not write any value other than zero to these bits.
DB10:DB9
IOUT RANGE
00
IOUT range. These bits are only used if both voltage and current outputs are
simultaneously enabled through bit 8 (DUAL OUTEN). The voltage output
range is still controlled by bits 2:0 of the Control Register (RANGE bits). The
current range is controlled by these bits and has similar behavior to
RANGE[1:0] when RANGE[2] = 1. However, unlike the RANGE bits, a change
to this field does not make the DAC data register go to its default value.
DB8
DUAL OUTEN
0
DAC dual output enable. This bit controls if the voltage and current outputs are
enabled simultaneously. Both are enabled when this bit is high. However, both
outputs are controlled by the same DAC data register.
DB7
APD
0
Alternate power down. On power-up, +VSENSE is connected to the internal
VOUT amplifier inverting terminal. Diodes exist at this node to REFIN and
GND. Setting this bit connects this node to ground through a resistor. When
set, the equivalent resistance seen from +VSENSE to GND is 70 kΩ. This is
useful in applications where the VOUT and IOUT terminals are tied together.
DB6
0
Reserved. Do not write any value other than zero to these bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com