Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC7760IPWPR Datasheet(PDF) 38 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7760IPWPR
Description  Single-Channel, 12- and 16-Bit Programmable Current Output and Voltage Output Digital-to-Analog Converters for 4-mA to 20-mA Current Loop Applications
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC7760IPWPR Datasheet(HTML) 38 Page - Texas Instruments

Back Button DAC7760IPWPR Datasheet HTML 34Page - Texas Instruments DAC7760IPWPR Datasheet HTML 35Page - Texas Instruments DAC7760IPWPR Datasheet HTML 36Page - Texas Instruments DAC7760IPWPR Datasheet HTML 37Page - Texas Instruments DAC7760IPWPR Datasheet HTML 38Page - Texas Instruments DAC7760IPWPR Datasheet HTML 39Page - Texas Instruments DAC7760IPWPR Datasheet HTML 40Page - Texas Instruments DAC7760IPWPR Datasheet HTML 41Page - Texas Instruments DAC7760IPWPR Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 63 page
background image
38
DAC7760, DAC8760
SBAS528B – JUNE 2013 – REVISED JUNE 2016
www.ti.com
Product Folder Links: DAC7760 DAC8760
Submit Documentation Feedback
Copyright © 2013–2016, Texas Instruments Incorporated
Table 12. Default SPI Frame
BIT 23:BIT 16
BIT 15:BIT 0
Address byte
Data word
The host processor must issue 24 bits before it issues a rising edge on the LATCH pin. Input data bits are
clocked in regardless of the LATCH pin and are unconditionally latched on the rising edge of LATCH. By default,
the SPI shift register resets to 000000h at power on or after a reset.
8.5.1.2 Write Operation
A write operation is accomplished when the address byte is set according to Table 13. For more information on
the DACx760 registers, see DACx760 Commands and Register Map.
Table 13. Write Address Functions
ADDRESS BYTE
FUNCTION
0x00
No operation (NOP)
0x01
Write DAC Data register
0x02
Register read
0x55
Write control register
0x56
Write reset register
0x57
Write configuration register
0x58
Write DAC gain calibration register
0x59
Write DAC zero calibration register
0x95
Watchdog timer reset
8.5.1.3 Read Operation
A read operation is accomplished when the address byte is 0x02. Follow the read operation with a no-operation
(NOP) command to clock out an addressed register, as shown in Figure 2. To read from a register, the address
byte and data word is as shown in Table 14. The read register value is output MSB first on SDO on successive
falling edges of SCLK.
Table 14. Default SPI Frame for Register Read
ADDRESS BYTE
DATA WORD
BIT 15:BIT 6
BIT 5:BIT 0
0x02
X (don't care)
Register read address (see Table 15)
Table 15 shows the register read addresses available on the DACx760 devices.
(1)
X denotes don't care bits.
Table 15. Register Read Address Functions
READ ADDRESS(1)
FUNCTION
XX XX00
Read status register
XX XX01
Read DAC data register
XX XX10
Read control register
00 1011
Read configuration register
01 0011
Read DAC gain calibration register
01 0111
Read DAC zero calibration register
8.5.1.4 Stand-Alone Operation
SCLK can operate in either continuous or burst mode as long as the LATCH rising edge occurs after the
appropriate number of SCLK cycles. Providing more than or less than 24 SCLK cycles before the rising edge of
LATCH results in incorrect data being programmed into the device registers and incorrect data sent out on SDO.
The rising edge of SCLK that clocks in the MSB of the 24-bit input frame marks the beginning of the write cycle,
and data are written to the addressed registers on the rising edge of LATCH.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com