Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC7760IPWPR Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7760IPWPR
Description  Single-Channel, 12- and 16-Bit Programmable Current Output and Voltage Output Digital-to-Analog Converters for 4-mA to 20-mA Current Loop Applications
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC7760IPWPR Datasheet(HTML) 28 Page - Texas Instruments

Back Button DAC7760IPWPR Datasheet HTML 24Page - Texas Instruments DAC7760IPWPR Datasheet HTML 25Page - Texas Instruments DAC7760IPWPR Datasheet HTML 26Page - Texas Instruments DAC7760IPWPR Datasheet HTML 27Page - Texas Instruments DAC7760IPWPR Datasheet HTML 28Page - Texas Instruments DAC7760IPWPR Datasheet HTML 29Page - Texas Instruments DAC7760IPWPR Datasheet HTML 30Page - Texas Instruments DAC7760IPWPR Datasheet HTML 31Page - Texas Instruments DAC7760IPWPR Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 63 page
background image
N
CODE
VREF
VOUT
VREF • GAIN •
GAIN •
2
2
=
-
N
CODE
VOUT
VREF • GAIN •
2
=
28
DAC7760, DAC8760
SBAS528B – JUNE 2013 – REVISED JUNE 2016
www.ti.com
Product Folder Links: DAC7760 DAC8760
Submit Documentation Feedback
Copyright © 2013–2016, Texas Instruments Incorporated
Feature Description (continued)
VOUT and +VSENSE to prevent this from occurring. The –VSENSE pin, on the other hand, is provided as a
GND sense reference output from the internal VOUT amplifier. The output swing of the VOUT amplifier is relative
to the voltage seen at this pin. The actual voltage difference between the –VSENSE pin and the device GND
pins is not expected to be more than a few 100 µV. The internal resistor shown in Figure 83 between the device
internal GND and the –VSENSE pin is typically 2 kΩ.
After power on, the power-on-reset circuit makes sure that all registers are at their default values. Therefore, the
voltage output buffer is in a Hi-Z state; however, the +VSENSE pin connects to the amplifier inputs through an
internal 60-kΩ feedback resistor (RFB in Figure 83). If the VOUT and +VSENSE pins are connected together, the
VOUT pin is also connected to the same node through the feedback resistor. This node is protected by internal
circuitry and settles to a value between GND and the reference input.
The output voltage (VOUT) can be expressed as Equation 1 and Equation 2.
For unipolar output mode:
(1)
For bipolar output mode:
where
•
CODE is the decimal equivalent of the code loaded to the DAC
•
N is the bits of resolution; 16 for DAC8760 and 12 for DAC7760
•
VREF is the reference voltage; for internal reference, VREF = 5 V
•
GAIN is automatically selected for a desired voltage output range as shown in Table 1
(2)
(1)
VREF = 5 V
Table 1. Voltage Output Range vs Gain Setting(1)
VOLTAGE OUTPUT
GAIN
0 V to 5 V
1
0 V to 10 V
2
±5 V
2
±10 V
4
The voltage range is set according to the value of the RANGE bits and the OVR bit in the Control Register. The
OVR bit makes the gain value in Table 1 increase by 10%, thereby increasing the voltage output range, as
shown in Table 8 (see Setting Voltage and Current Output Ranges for more details).
8.3.3 Current Output Stage
The current output stage consists of a preconditioner and a current source as conceptualized in Figure 84. This
stage provides a current output according to the DAC code. The output range can be programmed as 0 mA to
20 mA, 0 mA to 24 mA, or 4 mA to 20 mA. An external boost transistor can be used to reduce the power
dissipation of the device. The maximum compliance voltage on pin IOUT equals (AVDD – 2 V). In single power-
supply mode, the maximum AVDD is 36 V, and the maximum compliance voltage is 34 V. After power on, the
IOUT pin is in a Hi-Z state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com