Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC7760IPWPR Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7760IPWPR
Description  Single-Channel, 12- and 16-Bit Programmable Current Output and Voltage Output Digital-to-Analog Converters for 4-mA to 20-mA Current Loop Applications
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC7760IPWPR Datasheet(HTML) 39 Page - Texas Instruments

Back Button DAC7760IPWPR Datasheet HTML 35Page - Texas Instruments DAC7760IPWPR Datasheet HTML 36Page - Texas Instruments DAC7760IPWPR Datasheet HTML 37Page - Texas Instruments DAC7760IPWPR Datasheet HTML 38Page - Texas Instruments DAC7760IPWPR Datasheet HTML 39Page - Texas Instruments DAC7760IPWPR Datasheet HTML 40Page - Texas Instruments DAC7760IPWPR Datasheet HTML 41Page - Texas Instruments DAC7760IPWPR Datasheet HTML 42Page - Texas Instruments DAC7760IPWPR Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 63 page
background image
C
B
A
SDI
LATCH
SCLK
SDI-B
SDI-A
SDI-C
SDO-C
SDO-B
SDO-B
SDO
39
DAC7760, DAC8760
www.ti.com
SBAS528B – JUNE 2013 – REVISED JUNE 2016
Product Folder Links: DAC7760 DAC8760
Submit Documentation Feedback
Copyright © 2013–2016, Texas Instruments Incorporated
(1)
X denotes don't care bits.
(2)
DAC8760 (16-bit version) shown. DAC7760 (12-bit version) contents are located in DB15:DB4.
For DAC7760, DB3:DB0 are don't care bits when writing and zeros when reading.
(3)
No operation, read operation, and watchdog timer are commands and not registers.
8.5.1.5 Daisy-Chain Operation
For systems that contain multiple DACx760s, use the SDO pin to daisy-chain several devices. This mode is
useful in reducing the number of serial interface lines in applications that use multiple SPI devices. Daisy-chain
mode is enabled by setting the DCEN bit of the control register to 1. By connecting the SDO of the first device to
the SDI input of the next device in the chain, a multiple-device interface is constructed, as Figure 90 illustrates.
Figure 90. Three DACx760s in Daisy-Chain Mode
Like stand-alone operation, the SPI daisy-chain write operation requires one frame, and the read requires two
frames. The rising edge of SCLK that clocks in the MSB of the input frame marks the beginning of the write
cycle. When the serial transfer to all devices is complete, LATCH is taken high. This action transfers the data
from the SPI shift registers to the device internal register of each DACx760 in the daisy-chain. However, the
number of clocks in each frame in this case depends on the number of devices in the daisy chain. For two
devices, each frame is 48 clocks; the first 24 clocks are for the second DAC and the next 24 bits are for the first
DAC. For a readback, the data are read from the two DACs in the following 48-bit frame; the first 24 clocks are
for the second DAC and the next 24 clocks are for the first DAC. The input data to the DACs during the second
frame can be another command or NOP. Similar to the two-device case described, for N devices, each frame is
N × 24 clocks, where N is the total number of DACx760s in the chain.
The serial clock can be a continuous or gated clock. A continuous SCLK source can only be used if LATCH is
taken high after the correct number of clock cycles. In gated clock mode, a burst clock containing the exact
number of clock cycles must be used and LATCH must be taken high after the final clock to latch the data.
8.6 Register Maps
8.6.1 DACx760 Commands and Register Map
Table 16 shows the available commands and registers on the DACx760 devices. No operation, read operation,
and watchdog timer refer to commands and are not explicit registers. For more information on these commands,
see Read Operation and Watchdog Timer. See DACx760 Register Descriptions for descriptions of all DACx760
registers.
Table 16. Command and Register Map
REGISTER /
COMMAND
READ/WRITE
ACCESS
DATA BITS (DB15:DB0)
15
14
13
12
11
10:9
8
7
6
5
4
3
2
1
0
Control
R/W
CLRSEL
OVR
REXT
OUTEN
SRCLK
SRSTEP
SREN
DCEN
RANGE
Configuration
R/W
X
(1)
IOUT
RANGE
DUAL
OUTEN
APD
Reser
ved
CALEN
HARTE
N
CRCEN
WDEN
WDPD
DAC Data
(2)
R/W
D15:D0
No operation
(3)
—
X
Read Operation
(3)
—
X
READ ADDRESS
Reset
W
RESE
T
Status
R
Reserved
CRC-
FLT
WD-FLT
I-FLT
SR-
ON
T-FLT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com