Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC7760IPWPR Datasheet(PDF) 42 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7760IPWPR
Description  Single-Channel, 12- and 16-Bit Programmable Current Output and Voltage Output Digital-to-Analog Converters for 4-mA to 20-mA Current Loop Applications
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC7760IPWPR Datasheet(HTML) 42 Page - Texas Instruments

Back Button DAC7760IPWPR Datasheet HTML 38Page - Texas Instruments DAC7760IPWPR Datasheet HTML 39Page - Texas Instruments DAC7760IPWPR Datasheet HTML 40Page - Texas Instruments DAC7760IPWPR Datasheet HTML 41Page - Texas Instruments DAC7760IPWPR Datasheet HTML 42Page - Texas Instruments DAC7760IPWPR Datasheet HTML 43Page - Texas Instruments DAC7760IPWPR Datasheet HTML 44Page - Texas Instruments DAC7760IPWPR Datasheet HTML 45Page - Texas Instruments DAC7760IPWPR Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 63 page
background image
42
DAC7760, DAC8760
SBAS528B – JUNE 2013 – REVISED JUNE 2016
www.ti.com
Product Folder Links: DAC7760 DAC8760
Submit Documentation Feedback
Copyright © 2013–2016, Texas Instruments Incorporated
The ALARM bit goes to 0 when the error condition is resolved.
Table 23. Status Register
DATA BIT(S)
NAME
DEFAULT
DESCRIPTION
DB15:DB5
000h
Reserved. Reading these bits returns 0.
DB4
CRC-FLT
0
Bit = 1 indicates CRC error on SPI frame.
Bit = 0 indicates normal operation.
DB3
WD-FLT
0
Bit = 1 indicates watchdog timer timeout.
Bit = 0 indicates normal operation.
DB2
I-FLT
0
Bit = 1 indicates Open Circuit or Compliance Voltage Violation in IOUT loading.
Bit = 0 indicates IOUT load is at normal condition.
DB1
SR-ON
0
Bit = 1 when DAC code is slewing as determined by SRCLK and SRSTEP.
Bit = 0 when DAC code is not slewing.
DB0
T-FLT
0
Bit = 1 indicates die temperature is over 142°C.
Bit = 0 indicates die temperature is not over 142°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com