Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC7760IPWPR Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7760IPWPR
Description  Single-Channel, 12- and 16-Bit Programmable Current Output and Voltage Output Digital-to-Analog Converters for 4-mA to 20-mA Current Loop Applications
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC7760IPWPR Datasheet(HTML) 20 Page - Texas Instruments

Back Button DAC7760IPWPR Datasheet HTML 16Page - Texas Instruments DAC7760IPWPR Datasheet HTML 17Page - Texas Instruments DAC7760IPWPR Datasheet HTML 18Page - Texas Instruments DAC7760IPWPR Datasheet HTML 19Page - Texas Instruments DAC7760IPWPR Datasheet HTML 20Page - Texas Instruments DAC7760IPWPR Datasheet HTML 21Page - Texas Instruments DAC7760IPWPR Datasheet HTML 22Page - Texas Instruments DAC7760IPWPR Datasheet HTML 23Page - Texas Instruments DAC7760IPWPR Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 63 page
background image
0.00
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
-40
-25
-10
5
20
35
50
65
80
95
110
125
Temperature (oC)
0 mA to 20 mA
0 mA to 24 mA
4 mA to 20 mA
C008
AVDD = 10 V
AVSS = 0 V
R
LOAD = 300 Ÿ
0.00
0.02
0.04
0.06
0.08
0.10
0.12
-40
-25
-10
5
20
35
50
65
80
95
110
125
Temperature (oC)
0 mA to 20 mA
0 mA to 24 mA
4 mA to 20 mA
C009
AVDD = 10 V
AVSS = 0 V
R
LOAD = 300 Ÿ
-0.25
-0.20
-0.15
-0.10
-0.05
0.00
0.05
0
8192
16384
24576
32768
40960
49152
57344
65536
Code
0 mA - 20 mA Internal RSET
0 mA - 20 mA Internal RSET, BOOST
0 mA - 20 mA External RSET
0 mA - 20 mA External RSET, BOOST
C006
AVDD = 24 V
AVSS = 0 V
R
LOAD = 300 Ÿ
-0.25
-0.20
-0.15
-0.10
-0.05
0.00
0.05
0
8192
16384
24576
32768
40960
49152
57344
65536
Code
4 mA - 20 mA Internal RSET
4 mA - 20 mA Internal RSET, BOOST
4 mA - 20 mA External RSET
4 mA - 20 mA External RSET, BOOST
C003
AVDD = 24 V
AVSS = 0 V
R
LOAD = 300 Ÿ
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
100
1k
10k
100k
1M
Frequency (Hz)
+5 V range
“10 V range
+10 V Range/ “5 V range
C001
AVDD = +18 V
AVSS = -18 V
Output unloaded
-0.25
-0.20
-0.15
-0.10
-0.05
0.00
0.05
0
8192
16384
24576
32768
40960
49152
57344
65536
Code
0 mA - 24 mA Internal RSET
0 mA - 24 mA Internal RSET, BOOST
0 mA - 24 mA External RSET
0 mA - 24 mA External RSET, BOOST
C009
AVDD = 24 V
AVSS = 0 V
R
LOAD = 300 Ÿ
20
DAC7760, DAC8760
SBAS528B – JUNE 2013 – REVISED JUNE 2016
www.ti.com
Product Folder Links: DAC7760 DAC8760
Submit Documentation Feedback
Copyright © 2013–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
At TA = 25°C, unless otherwise noted.
Figure 46. AVDD PSRR for VOUT
Figure 47. IOUT TUE vs Code (0 mA to 24 mA)
Figure 48. IOUT TUE vs Code (0 mA to 20 mA)
Figure 49. IOUT TUE vs Code (4 mA to 20 mA)
Figure 50. IOUT TUE vs Temperature (Internal RSET)
Figure 51. IOUT TUE vs Temperature (External RSET)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com