Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC7760IPWPR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7760IPWPR
Description  Single-Channel, 12- and 16-Bit Programmable Current Output and Voltage Output Digital-to-Analog Converters for 4-mA to 20-mA Current Loop Applications
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC7760IPWPR Datasheet(HTML) 4 Page - Texas Instruments

  DAC7760IPWPR Datasheet HTML 1Page - Texas Instruments DAC7760IPWPR Datasheet HTML 2Page - Texas Instruments DAC7760IPWPR Datasheet HTML 3Page - Texas Instruments DAC7760IPWPR Datasheet HTML 4Page - Texas Instruments DAC7760IPWPR Datasheet HTML 5Page - Texas Instruments DAC7760IPWPR Datasheet HTML 6Page - Texas Instruments DAC7760IPWPR Datasheet HTML 7Page - Texas Instruments DAC7760IPWPR Datasheet HTML 8Page - Texas Instruments DAC7760IPWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 63 page
background image
4
DAC7760, DAC8760
SBAS528B – JUNE 2013 – REVISED JUNE 2016
www.ti.com
Product Folder Links: DAC7760 DAC8760
Submit Documentation Feedback
Copyright © 2013–2016, Texas Instruments Incorporated
Pin Functions
PIN
I/O
DESCRIPTION
NAME
VQFN
HTSSOP
ALARM
2
3
Digital output
Alarm pin. Open drain output. External pullup resistor required (10 kΩ). The pin
goes low (active) when the ALARM condition is detected (open circuit, over
temperature, timeout and so forth).
AVDD
36
24
Supply input
Positive analog power supply.
AVSS
14, 37
1
Supply input
Negative analog power supply in dual power-supply operation. Connects to GND
in single power-supply operation.
BOOST
27
20
Analog output
Boost pin. External transistor connection (optional).
CAP1
28
—
Analog input
Connection for current output filtering capacitor (optional).
CAP2
29
—
Analog input
Connection for current output filtering capacitor (optional).
CLR
5
6
Digital input
Clear input. Logic high on this pin causes the part to enter CLEAR state. Active
high.
CLR-SEL
4
5
Digital input
Selects the VOUT value in CLEAR state, after power-on and reset.
CMP
24
17
Analog output
External compensation capacitor connection pin (optional). Addition of the
external capacitor (connected between VOUT and this pin) improves the stability
with high capacitive loads at the VOUT pin by reducing the bandwidth of the
output amplifier, thus increasing the settling time.
DIN
8
9
Digital input
Serial data input. Data are clocked into the 24-bit input shift register on the rising
edge of the serial clock input. Schmitt-Trigger logic input.
DVDD
39
2
Supply input or
output
Digital power supply. Can be input or output, depending on DVDD-EN pin.
DVDD-EN
23
16
Digital input
Internal power-supply enable pin. Connect this pin to GND to disable the internal
supply, or leave this pin unconnected to enable the internal supply. When this
pin is connected to GND, an external supply must be connected to the DVDD
pin.
GND
3,
4
Supply input
Ground reference point for all digital circuitry of the device. Connect to 0 V.
GND
12, 13, 15
11, 12
Supply input
Ground reference point for all analog circuitry of the device. Connect to 0 V.
HART-IN
25
18
Analog input
Input pin for HART modulation.
IOUT
26
19
Analog output
Current output pin
ISET-R
16
13
Analog input
Connection pin for external precision resistor (15 kΩ). See the Detailed
Description section of this data sheet.
LATCH
6
7
Digital input
Load DAC registers input. A rising edge on this pin loads the input shift register
data into the DAC data and control registers and updates the DAC outputs.
NC
1, 10, 11,
19, 20, 21,
22, 30, 31,
35, 38, 40
—
—
No connection.
REFOUT
17
14
Analog output
Internal reference output. Connect to REFIN when using internal reference.
REFIN
18
15
Analog input
Reference input
SCLK
7
8
Digital input
Serial clock input of serial peripheral interface (SPI™). Data can be transferred
at rates up to 30 MHz. Schmitt-Trigger logic input.
SDO
9
10
Digital output
Serial data output. Data are valid on the rising edge of SCLK.
THERMAL
PAD
—
—
Supply input
The thermal pad is internally connected to the AVSS supply. It is recommended
that the pad be thermally connected to a copper plane for enhanced thermal
performance. The pad can be electrically connected to the same potential as the
AVSS pin (either negative supply voltage or GND) or left electrically
unconnected provided a supply connection is made at the AVSS pin. The AVSS
pin must always be connected to either the negative supply voltage or GND,
independent of the thermal pad connection.
VOUT
32
21
Analog output
Voltage output pin. This is a buffered analog voltage output.
+VSENSE
33
22
Analog input
Sense pin for the positive voltage output load connection.
–VSENSE
34
23
Analog input
Sense pin for the negative voltage output load connection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com