Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP8459 Datasheet(PDF) 26 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8459
Description  All-Code Data Synchronizer
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8459 Datasheet(HTML) 26 Page - National Semiconductor (TI)

Back Button DP8459 Datasheet HTML 22Page - National Semiconductor (TI) DP8459 Datasheet HTML 23Page - National Semiconductor (TI) DP8459 Datasheet HTML 24Page - National Semiconductor (TI) DP8459 Datasheet HTML 25Page - National Semiconductor (TI) DP8459 Datasheet HTML 26Page - National Semiconductor (TI) DP8459 Datasheet HTML 27Page - National Semiconductor (TI) DP8459 Datasheet HTML 28Page - National Semiconductor (TI) DP8459 Datasheet HTML 29Page - National Semiconductor (TI) DP8459 Datasheet HTML 30Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 35 page
background image
FIGURE 24. DP8459 Static Window Truncation Test Flow Chart
4.3.2 ERROR-BOUND SECTOR/TRACK DATA RECOVERY
A standard technique exists for attempting to recover illegible
data from a sector or track within a disk system which involves
the re-reading of the bad data while shifting the data
synchronizer window a small amount early/late with respect to
the nominal position. A typical early/late strobe value for data
retrieval is in the range from approximately 2% to 3% of the
total window width. The strobe step size produced by the
DP8459 window control circuitry easily allows for this type of
data recovery procedure, and is in fact small enough to
feasibly permit more than one degree of window movement
within the data recovery algorithm.
4.3.3 AUTO WINDOW ALIGNMENT (DE-SKEW ROUTINE)
It is possible to configure an intelligent drive system to employ
the DP8459 strobe feature in a window auto-calibration
(de-skew) routine implemented to center the detection window
about the mean position of the bit distribution curve. The
de-skew routine would maximize the read channel window
margin and correspondingly minimize the bit error rate (BER).
The auto-calibration routine would be configured as an
extension of the window margin routine (Section 4.3.1), where
the early and late strobe values determined at the error rate
threshold crossing points would be numerically combined to
determine the window center skew. For example, if at 10 Mb/s
the strobe-until-error value in the “early” direction were found
to be M = −8 and the “late” value M = 4, window skew would
be determined as follows:
t
skew = 1.8 x τVCO x[Mearly +Mlate]/2
= 0.9 ns x [−8 + 4]/2
= − 1.8 ns
The window has an apparent shift of 1.8 ns in the late
direction. The strobe setting in the DP8459 would then be set
to compensate for the skew, centering the synchronization
window and maximizing the available read channel window
margin. In this case, the strobe setting would be M = −2. This
routine could be executed at system power-up and perhaps on
a regular, specified time schedule during system operation to
maintain
a
fine-tuning
of
the
read
channel
timing
characteristics under varying operating conditions (conceiv-
ably eliminating the need for an error-strobe routine).
TL/F/9322-25
PrintDate=1996/07/31 PrintTime=11:06:12 ds009322 Rev. No. 1
Proof
26
26
http:\\www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com