Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP8459 Datasheet(PDF) 23 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8459
Description  All-Code Data Synchronizer
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8459 Datasheet(HTML) 23 Page - National Semiconductor (TI)

Back Button DP8459 Datasheet HTML 19Page - National Semiconductor (TI) DP8459 Datasheet HTML 20Page - National Semiconductor (TI) DP8459 Datasheet HTML 21Page - National Semiconductor (TI) DP8459 Datasheet HTML 22Page - National Semiconductor (TI) DP8459 Datasheet HTML 23Page - National Semiconductor (TI) DP8459 Datasheet HTML 24Page - National Semiconductor (TI) DP8459 Datasheet HTML 25Page - National Semiconductor (TI) DP8459 Datasheet HTML 26Page - National Semiconductor (TI) DP8459 Datasheet HTML 27Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 35 page
background image
FIGURE 22. Window Specification Diagram
4.1 SYNCHRONIZATION WINDOW GENERATION
The DP8459 employs a pulse gate-delay line scheme in the
generation of the synchronization window.
Figure 6 shows a
simplified block diagram of the pulse gate and delay line
circuitry coupled with the phase locked loop. All elements
except the delay line are assumed to be delayless for
simplicity of analysis. The pulse gate allows a single VCO
edge to be transmitted to the pump down input of the phase
comparator for each arriving ENCODED READ DATA pulse,
while the delay line allows the ENCODED READ DATA pulse
to open (enable) the pulse gate at a predetermined time (t
d)
prior to the arrival of the ERD pulse at the pump up input of the
phase comparator.
Figures 7, 8 and 9 show waveform
diagrams of the capture of nominal, early and late ERD pulses,
respectively. In normal operation where stable lock has been
achieved,
the
time-integrating
action
of
the
PLL has
established time alignment between the waveforms at the
phase comparator inputs, i.e., both events occur at t
o,on
average. If t
d is set equal to 0.5 x τVCO, the nominal or average
ERD pulse will open the pulse gate at t
o − 0.5 x τVCO, precisely
the midpoint between VCO edges. ERD pulses are then free to
shift to any position (ideally) between VCO edges, that is, they
have an allowed displacement of ±0.5
τ
VCO from the mean,
while yet opening the pulse gate for the passing of the
appropriate VCO edge to the phase comparator and at the
same time being properly captured by the data synchroniza-
tion latch (flip-flop D,
Figure 6 ). The ±0.5
τ
VCO region is
referred to as the synchronization (capture) window.
Any variation in the value of the time delay t
d causes the time
at which the pulse gate is enabled (t
o–td) to shift away from the
VCO waveform midpoint, and thus produces a corresponding
shift in the position of the synchronization (capture) window.
This action, when done in a controlled fashion, is known as
window strobing and is useful for purposes of window skew
compensation, determination of system window margin, and
recovery routines for non-readable data (see Section 4.3).
TL/F/9322-23
http:\\www.national.com
23
PrintDate=1996/07/31 PrintTime=11:06:09 ds009322 Rev. No. 1
Proof
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com