Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP8459 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8459
Description  All-Code Data Synchronizer
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8459 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  DP8459 Datasheet HTML 1Page - National Semiconductor (TI) DP8459 Datasheet HTML 2Page - National Semiconductor (TI) DP8459 Datasheet HTML 3Page - National Semiconductor (TI) DP8459 Datasheet HTML 4Page - National Semiconductor (TI) DP8459 Datasheet HTML 5Page - National Semiconductor (TI) DP8459 Datasheet HTML 6Page - National Semiconductor (TI) DP8459 Datasheet HTML 7Page - National Semiconductor (TI) DP8459 Datasheet HTML 8Page - National Semiconductor (TI) DP8459 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
1.0 Pin Descriptions
DP8459 28-pin PCC package
Pin #
POWER SUPPLY
16
DIGITAL V
CC: 5.0V ±5%. (Note 1 )
4
ANALOG V
CC: 5.0V ±5%. (Note 1 )
13
DIGITAL GROUND.
3
ANALOG GROUND.
TTL LEVEL LOGIC INPUTS
5
READ GATE (RG): Read mode control input, active high (logical-one). Assertion causes the PLL to lock to
the ENCODED READ DATA, employing a zero phase start routine. Deassertion causes the PLL to lock the
REFERENCE CLOCK input, also employing a zero phase start routine. READ GATE timing is allowed to
be fully asynchronous.
6, 7, 8
RANGE SELECT 0, 1, 2 (RS0, RS1, RS2): Control the operating frequency range of the VCO. A 2:1
continuously variable sub-range is available within each of 6 allowed selections, enabling the VCO to
operate at any frequency within a 96:1 range from 500 kHz to 50 MHz.
9
CONTROL REGISTER ENABLE (CRE): A logical Low level allows the CONTROL REGISTER CLOCK to
clock data into the Control Register via the CONTROL REGISTER DATA input; a logical HIGH level
latches the register data and issues the information to the appropriate circuitry.
10
CONTROL REGISTER DATA (CRD): Control Register data input.
11
CONTROL REGISTER CLOCK (CRC): Negative edge triggered Control Register clock input.
12
ENCODED READ DATA (ERD): Incoming TTL-level data derived from the storage media; issued from a
pulse detector circuit. Each positive edge represents a single recorded code bit.
14
REFERENCE CLOCK (RFC): A reference frequency input required for DP8459 operation. The RFC
frequency must be accurate and highly stable (crystal or servo derived) and equivalent to the 2F frequency
for the MFM or [2,7] codes (i.e., equal to, but not derived from the VCO frequency).
18
FREQUENCY LOCK CONTROL (FLC): Selects or de-selects the frequency lock function during a READ
operation. Has no effect with READ GATE deasserted; frequency lock is automatically employed for the full
duration of time READ GATE is deasserted regardless of the level of the FLC input. With READ GATE
high and FLC low (logical-zero) the PLL is forced to lock to the pattern frequency selected via the SYNC
PATTERN SELECT inputs. When high (logical-one) frequency lock action is terminated and the PLL
employs a pulse gate to accommodate random disk data patterns. FLC may be tied to PREAMBLE
DETECTED output pin for self-regulated frequency lock control. FLC timing is allowed to be fully
asynchronous.
20, 19
SYNC PATTERN SELECT 0, 1 (SP0, SP1): Control inputs for selection of the preamble type being
employed. These inputs determine the pattern to which the PLL will frequency-lock during preamble
acquisition (if frequency lock is employed) and for which the PREAMBLE DETECTED circuitry searches.
24
COAST (CST): Control for Coast function. The Coast function may be activated when READ GATE is
either high or low. When the COAST input is low (logical-zero), the phase comparator is disabled and held
in a cleared state, allowing the VCO to coast regardless of ENCODED READ DATA input activity (READ
GATE high) or REFERENCE CLOCK input activity (READ GATE low). No other circuit functions are
disturbed. When high (logical-one), the phase comparator operates normally.
27
HIGH-GAIN DISABLE (HGD): Charge Pump gain switch control. When low (logical-zero), the charge pump
input current is the combined value of the currents at both R
BOOST and RNOMINAL pins. When high
(logical-one), charge pump input current is taken from the R
NOMINAL pin only. HGD may be tied either to
READ GATE or PREAMBLE DETECTED for self-regulated gain control.
TTL LEVEL LOGIC OUTPUTS
15
SYNCHRONIZED CLOCK (SCK): Issues the VCO signal following READ GATE assertion and completion
of zero phase start sequence; issues REFERENCE CLOCK input signal when READ GATE is deasserted.
Multiplexer switching is achieved without glitches.
17
PREAMBLE DETECTED (PDT): Issues a high level (logical-one) following assertion of READ GATE,
completion of the zero phase start sequence, and the detection of approximately 32 sequential pulses of
1T, 2T or 3T period preamble, or 16 sequential pulses of 4T period preamble, depending on state of SYNC
PATTERN SELECT inputs (T = VCO period). Following preamble detection, the output remains latched
high until de-assertion of READ GATE. The PDT output will be at a logical zero state whenever READ
GATE is inactive.
PrintDate=1996/07/31 PrintTime=11:05:40 ds009322 Rev. No. 1
Proof
4
4
http:\\www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com